Electronic Components Datasheet Search
  English  ▼

X  

LPC1769 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # LPC1769
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1769 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button LPC1769 Datasheet HTML 69Page - NXP Semiconductors LPC1769 Datasheet HTML 70Page - NXP Semiconductors LPC1769 Datasheet HTML 71Page - NXP Semiconductors LPC1769 Datasheet HTML 72Page - NXP Semiconductors LPC1769 Datasheet HTML 73Page - NXP Semiconductors LPC1769 Datasheet HTML 74Page - NXP Semiconductors LPC1769 Datasheet HTML 75Page - NXP Semiconductors LPC1769 Datasheet HTML 76Page - NXP Semiconductors LPC1769 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 5 April 2011
73 of 79
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
Fig 38. Package outline SOT926-1 (TFBGA100)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT926-1
- - -
- - -
- - -
SOT926-1
05-12-09
05-12-22
UNIT
A
max
mm
1.2
0.4
0.3
0.8
0.65
0.5
0.4
9.1
8.9
9.1
8.9
A1
DIMENSIONS (mm are the original dimensions)
TFBGA100: plastic thin fine-pitch ball grid array package; 100 balls; body 9 x 9 x 0.7 mm
A2
b
D
E
e2
7.2
e
0.8
e1
7.2
v
0.15
w
0.05
y
0.08
y1
0.1
0
2.5
5 mm
scale
b
e2
e1
e
e
1/2 e
1/2 e
A
C
B
∅ v M
C
∅ w M
ball A1
index area
A
B
C
D
E
F
H
K
G
J
2468
10
13579
ball A1
index area
B
A
E
D
C
y
C
y1
X
detail X
A
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com