Electronic Components Datasheet Search
  English  ▼

X  

NTS0104D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NTS0104D
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0104D Datasheet(HTML) 2 Page - NXP Semiconductors

  NTS0104D Datasheet HTML 1Page - NXP Semiconductors NTS0104D Datasheet HTML 2Page - NXP Semiconductors NTS0104D Datasheet HTML 3Page - NXP Semiconductors NTS0104D Datasheet HTML 4Page - NXP Semiconductors NTS0104D Datasheet HTML 5Page - NXP Semiconductors NTS0104D Datasheet HTML 6Page - NXP Semiconductors NTS0104D Datasheet HTML 7Page - NXP Semiconductors NTS0104D Datasheet HTML 8Page - NXP Semiconductors NTS0104D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
NTS0104
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product Specification
Rev. 2 — 27 April 2011
2 of 26
NXP Semiconductors
NTS0104
Dual supply translating transceiver; open drain; auto direction sensing
4.
Ordering information
5.
Marking
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
NTS0104D
−40 °C to +125 °C SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
NTS0104PW
−40 °Cto+125 °C TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
NTS0104BQ
−40 °Cto+125 °C DHVQFN14 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 14 terminals;
body 2.5
× 3 × 0.85 mm
SOT762-1
NTS0104GU16
−40 °C to +125 °C XQFN16
plastic, extremely thin quad flat package; no leads;
16 terminals; body 1.80
× 2.60 × 0.50 mm
SOT1161-1
NTS0104GU12
−40 °C to +125 °C XQFN12
plastic, extremely thin quad flat package; no leads;
12 terminals; body 1.70
× 2.0 × 0.50 mm
SOT1174-1
Table 2.
Marking
Type number
Marking code
NTS0104D
NTS0104D
NTS0104PW
NTS0104
NTS0104BQ
S0104
NTS0104GU16
s4
NTS0104GU12
s4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com