Electronic Components Datasheet Search
  English  ▼

X  

NTS0104D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # NTS0104D
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0104D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button NTS0104D Datasheet HTML 17Page - NXP Semiconductors NTS0104D Datasheet HTML 18Page - NXP Semiconductors NTS0104D Datasheet HTML 19Page - NXP Semiconductors NTS0104D Datasheet HTML 20Page - NXP Semiconductors NTS0104D Datasheet HTML 21Page - NXP Semiconductors NTS0104D Datasheet HTML 22Page - NXP Semiconductors NTS0104D Datasheet HTML 23Page - NXP Semiconductors NTS0104D Datasheet HTML 24Page - NXP Semiconductors NTS0104D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
NTS0104
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product Specification
Rev. 2 — 27 April 2011
21 of 26
NXP Semiconductors
NTS0104
Dual supply translating transceiver; open drain; auto direction sensing
Fig 14. Package outline SOT1161-1 (XQFN16)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1161-1
- - -
- - -
- - -
sot1161-1_po
09-12-28
09-12-29
Unit(1)
mm
max
nom
min
0.5
0.05
0.00
0.25
0.20
0.15
1.9
1.8
1.7
2.7
2.6
2.5
0.4
1.2
0.45
0.40
0.35
0.1
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
XQFN16: plastic, extremely thin quad flat package; no leads;
16 terminals; body 1.80 x 2.60 x 0.50 mm
SOT1161-1
A1
A3
0.127
bD
E
e
e1
1.2
e2
LL1
0.55
0.50
0.45
vw
0.05
y
0.05
y1
0.05
0
1
2 mm
scale
B
A
terminal 1
index area
D
E
X
C
y
C
y1
detail X
A
A1
A3
terminal 1
index area
b
e2
e1
A
C
B
v
C
w
L
L1
5
8
16
13
9
12
4
1
e
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com