Electronic Components Datasheet Search
  English  ▼

X  

IXFN360N10T Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN360N10T
Description  GigaMOS Trench HiperFET Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN360N10T Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN360N10T Datasheet HTML 1Page - IXYS Corporation IXFN360N10T Datasheet HTML 2Page - IXYS Corporation IXFN360N10T Datasheet HTML 3Page - IXYS Corporation IXFN360N10T Datasheet HTML 4Page - IXYS Corporation IXFN360N10T Datasheet HTML 5Page - IXYS Corporation IXFN360N10T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXFN360N10T
Fig. 1. Output Characteristics @ TJ = 25ºC
0
60
120
180
240
300
360
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VDS - Volts
VGS = 15V
10V
8V
7V
4V
6V
5V
5.5V
Fig. 3. Output Characteristics @ TJ = 150ºC
0
60
120
180
240
300
360
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VDS - Volts
VGS = 15V
10V
8V
7V
5V
6V
4V
Fig. 4. RDS(on) Normalized to ID = 180A Value
vs. Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
VGS = 10V
I D = 360A
I D = 180A
Fig. 5. Normalized RDS(on) vs. Drain Current
0.6
1.0
1.4
1.8
2.2
2.6
3.0
0
40
80
120
160
200
240
280
320
360
ID - Amperes
VGS = 10V
TJ = 175ºC
TJ = 25ºC
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDS - Volts
VGS = 15V
10V
8V
5V
5.5V
6V
7V
4V
Fig. 6. Drain Current vs. Case Temperature
0
20
40
60
80
100
120
140
160
180
200
220
-50
-25
0
25
50
75
100
125
150
175
TC - Degrees Centigrade
External Lead Current Limit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com