Electronic Components Datasheet Search
  English  ▼

X  

IXFN360N10T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXFN360N10T
Description  GigaMOS Trench HiperFET Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN360N10T Datasheet(HTML) 5 Page - IXYS Corporation

  IXFN360N10T Datasheet HTML 1Page - IXYS Corporation IXFN360N10T Datasheet HTML 2Page - IXYS Corporation IXFN360N10T Datasheet HTML 3Page - IXYS Corporation IXFN360N10T Datasheet HTML 4Page - IXYS Corporation IXFN360N10T Datasheet HTML 5Page - IXYS Corporation IXFN360N10T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXFN360N10T
Fig. 14. Resistive Turn-on Rise Time
vs. Drain Current
40
80
120
160
200
240
280
40
60
80
100
120
140
160
180
200
ID - Amperes
TJ = 25ºC
TJ = 125ºC
RG = 1Ω , VGS = 10V
VDS = 50V
Fig. 15. Resistive Turn-on Switching Times
vs. Gate Resistance
0
100
200
300
400
500
600
700
12
345
67
8
9
10
RG - Ohms
0
30
60
90
120
150
180
210
t r
td(on) - - - -
TJ = 125ºC, VGS = 10V
VDS = 50V
I D = 100A
I D = 200A
Fig. 16. Resistive Turn-off Switching Times
vs. Junction Temperature
100
150
200
250
300
350
400
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
60
70
80
90
100
110
120
t f
td(off) - - - -
RG = 1Ω, VGS = 10V
VDS = 50V
I D = 100A
I D = 200A
Fig. 17. Resistive Turn-off Switching Times
vs. Drain Current
0
50
100
150
200
250
300
350
400
40
60
80
100
120
140
160
180
200
ID - Amperes
60
70
80
90
100
110
120
130
140
t f
td(off) - - - -
RG = 1Ω, VGS = 10V
VDS = 50V
TJ = 25ºC
TJ = 125ºC
Fig. 13. Resistive Turn-on Rise Time
vs. Junction Temperature
40
80
120
160
200
240
280
320
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 1Ω , VGS = 10V
VDS = 50V
I D = 200A
I D = 100A
Fig. 18. Resistive Turn-off Switching Times
vs. Gate Resistance
100
200
300
400
500
600
700
12
34
56
78
9
10
RG - Ohms
50
150
250
350
450
550
650
t f
td(off) - - - -
TJ = 125ºC, VGS = 10V
VDS = 50V
I D = 200A
I D = 100A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com