Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  This MCU consumes low power, and supports operating modes that allow additional
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 91Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 92Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 93Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 94Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 95Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 96Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 97Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 98Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 99Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 97 / 99 page
background image
A - 2
2.00
Feb 07, 2011
49
Table 29.5 A/D Conversion Characteristics (1/2):
Added the Measuring Condition of the Resolution row.
50
Table 5.6 A/D Conversion Characteristics (2/2): Added the note 5.
52
Table 5.9 CPU Clock When Operating Flash Memory (f(BCLK)):
Added the Typ. value of the Low current consumption read mode.
52
Table 5.10 Flash Memory (Program ROM 1, 2) Electrical Characteristics:
• Added a condition to the Read voltage row.
• Modified note 1.
• Deleted the example stated in note 4.
53
Table 5.11 Flash Memory (Data Flash) Electrical Characteristics:
Changed “128 groups” to “256 groups” in note 4.
54
Table 5.12 Voltage Detector 0 Electrical Characteristics: Added the condition in the Vdet0
row.
55
Table 5.15 Power-On Reset Circuit:
• Added the Vpor1 and tw(por) row.
• Deleted the Condition of trth row.
• Added the last line in note 1.
55
Figure 5.5 Power-On Reset Circuit Electrical Characteristics:
• Changed the signal name “0.1 V” to “Vpor1”.
• Deleted note 2.
57
Table 5.17 40 MHz On-Chip Oscillator Electrical Characteristics:
Changed the Condition in the fOCO40M row.
59
Table 5.20 Electrical Characteristics (2): Added “ZP, IDU, IDV, IDW” to the VT+ - VT- row.
60
Table 5.21 Electrical Characteristics (3):
Added the During flash memory program row and During flash memory erase row.
65, 83
5.2.2.5 and 5.3.2.5 Timer S Input: Added.
67, 85
5.2.2.8 and 5.3.2.8 Multi-master I2C-bus: Added.
68
Table 5.36 Memory Expansion Mode and Microprocessor Mode:
Changed
RDY input setup time from 30.
68 to 75,
86 to 93
Table 5.36 to Table 5.39 and Table 5.56 to Table 5.59 Memory Expansion Mode and
Microprocessor Mode:
Deleted the following:
•
HOLD input setup time
•
HOLD input hold time
•
HLDA output delay time
69, 87
Figure 5.16 and Figure 5.29 Timing Diagram:
Deleted lower figure (Common to wait state and no wait state settings).
77
Table 5.40 Electrical Characteristics (1): Added “ZP, IDU, IDV, IDW” to the VT+ - VT- row.
78
Table 5.41 Electrical Characteristics (2):
Added the During flash memory program row and During flash memory erase row.
86
Table 5.56 Memory Expansion Mode and Microprocessor Mode:
Changed
RDY input setup time from 40.
REVISION HISTORY
M16C/6C Group Datasheet
Rev.
Date
Description
Page
Summary
All trademarks and registered trademarks are the property of their respective owners.
IEBus is a registered trademark of NEC Electronics Corporation.
HDMI and High-Definition Multimedia Interface are registered trademarks of HDMI Licensing, LLC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com