Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFB Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R5F36CAMDFB
Description  This MCU consumes low power, and supports operating modes that allow additional
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFB Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R5F36CAMDFB Datasheet HTML 91Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 92Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 93Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 94Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 95Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 96Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 97Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 98Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 99Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 96 / 99 page
background image
A - 1
REVISION HISTORY
M16C/6C Group Datasheet
Rev.
Date
Description
Page
Summary
1.00
Jul 15, 2009
-
First Edition issued.
2.00
Feb 07, 2011
Overall
0004h Processor Mode Register 0: Combined differing reset values into one.
Overall
0019h Voltage Detector 2 Flag Register: Changed the reset value from “0000 X000b”.
Overall
001Ah Voltage Detector Operation Enable Register: Changed reset value from “000X
0000b”.
Overall
002Ah Voltage Monitor 0 Control Register: Changed reset value from “1100 XX10b”.
Overall
002Bh Voltage Monitor 1 Control Register: Changed reset value from “1000 1X10b”.
Overall
02B9h I2C0 Status Register 1: Changed reset value from “00h”.
Overall
0324h Increment/Decrement Flag: Changed name from Up/Down Flag.
Overall
03DCh D/A Control Register: Changed reset value from “XXXX XX00b”.
Overall
Changed the UVCC pin from “Input” to “I/O”.
Overview
Chap. 1.
Changed from “INPC10 to INPC17” to “INPC1_0 to INPC1_7” and from “OUTC10 to
OUTC17” to “OUTC1_0 to OUTC1_7”.
1
1.1.1 Applications: Added the note.
3
Table 1.2 Specifications (2/2):
• Changed the value in the Current Consumption row to “Described in Electrical
Characteristics”.
• Deleted note 1.
4
Table 1.3 Product List: Changed the development status.
5
Figure 1.2 Marking Diagram (Top View): Added the detail explanations for the 7-digit date
code.
7, 8
Figure 1.4 Pin Assignment and Figure 1.5 Pin Assignment:
Added “/TSUDA” to P8_0 and “/TSUDB” to P8_1.
9
Table 1.4 Pin Names (1/2): Added “/TSUDB” to P8_1 and “/TSUDA” to P8_0.
11
Table 1.6 Pin Functions (1/3):
• Changed the description of CNVSS pin.
• Changed the description of
HOLD pin.
12
Table 1.7 Pin Functions (2/3): Added “TSUDA, TSUDB” to the pin name of Timer S.
13
Table 1.8 Pin Functions (3/3): Deleted notes 1 and 2.
Address Space
18
Figure 3.2 Memory Map: Added note 1 and 3 to the reserved areas.
Special Function Registers (SFRs)
20
Table 4.1 SFR Information (1):
• Deleted “the VCR1 register, the VCR2 register” from note 2.
• Deleted notes 5 to 6 and added note 5.
21
Table 4.2 SFR Information (2): Deleted notes 2 to 6 and added note 2.
35
Table 4.16 SFR Information (16): Deleted “00000010b” from values after hardware reset in
note 2.
43
4.2.1 Register Settings: Added the description regarding read-modify-write instructions.
44
Table 4.26 Read-Modify-Write Instructions: Added.
Electrical Characteristics
Chap. 5.
Moved the measuring conditions in note 1 to below the table title.
Chap. 5.
Reordered figures and tables in 5.2.2 Timing Requirements (Peripheral Functions and
Others) and 5.3.2 Timing Requirements (Peripheral Functions and Others).
45
Table 5.1 Absolute Maximum Ratings:
• Changed the Condition of the Vcc2 row.
• Added the VREF row.
• Added a row for the data area value to Topr (Flash program erase).
• Added the note 1.
46
Table 5.2 Recommended Operating Conditions (1/3): Added the IOH(sum) row and deleted
note 3.
47
Table 5.3 Recommended Operating Conditions (2/3): Added the IOL(sum) row and deleted
note 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com