Electronic Components Datasheet Search
  English  ▼

X  

DS1992 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # DS1992
Description  1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1992 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button DS1992 Datasheet HTML 9Page - Maxim Integrated Products DS1992 Datasheet HTML 10Page - Maxim Integrated Products DS1992 Datasheet HTML 11Page - Maxim Integrated Products DS1992 Datasheet HTML 12Page - Maxim Integrated Products DS1992 Datasheet HTML 13Page - Maxim Integrated Products DS1992 Datasheet HTML 14Page - Maxim Integrated Products DS1992 Datasheet HTML 15Page - Maxim Integrated Products DS1992 Datasheet HTML 16Page - Maxim Integrated Products DS1992 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
DS1992/DS1993
16 of 17
Note 1: All voltages are referenced to ground.
Note 2: VIH is a function of the external pullup resistor and the VCC power supply.
Note 3: VPUP = external pullup voltage.
Note 4: Input load is to ground.
Note 5: Capacitance on the data line could be 800pF when power is first applied. If a 5k
Ω resistor is used
to pull up the data line to VPUP, 5µs after power has been applied, the parasite capacitance does not affect
normal communications.
Note 6: Guaranteed by design; not production tested.
Note 7: Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is
guaranteed to be valid within 1
µs of this falling edge, and remains valid for 14µs minimum (15µs total
from falling edge on 1-Wire bus).
Note 8: An additional reset or communication sequence cannot begin until the reset high time has
expired.
Note 9: The reset low time (tRSTL) should be restricted to a maximum of 960µs, to allow interrupt
signaling; otherwise, it could mask or conceal interrupt pulses.
PACKAGE INFORMATION
For the latest package outline information and land patterns (footprints), go to www.maxim-ic.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
F5 iButton
IB+5BW
21-0266
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com