Electronic Components Datasheet Search
  English  ▼

X  

DS1992 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1992
Description  1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1992 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1992 Datasheet HTML 2Page - Maxim Integrated Products DS1992 Datasheet HTML 3Page - Maxim Integrated Products DS1992 Datasheet HTML 4Page - Maxim Integrated Products DS1992 Datasheet HTML 5Page - Maxim Integrated Products DS1992 Datasheet HTML 6Page - Maxim Integrated Products DS1992 Datasheet HTML 7Page - Maxim Integrated Products DS1992 Datasheet HTML 8Page - Maxim Integrated Products DS1992 Datasheet HTML 9Page - Maxim Integrated Products DS1992 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DS1992/DS1993
6 of 17
Copy Scratchpad [55h]
This command is used to copy data from the scratchpad to memory. After issuing the copy scratchpad
command, the user must provide a 3-byte authorization pattern. This pattern must exactly match the data
contained in the three address registers (TA1, TA2, E/S, in that order). If the pattern matches, the AA
(Authorization Accepted) flag is set and the copy begins. A logic 0 is transmitted after the data has been
copied until the user issues a reset pulse. Any attempt to reset the part is ignored while the copy is in
progress. Copy typically takes 30
µs.
The data to be copied is determined by the three address registers. The scratchpad data from the
beginning offset through the ending offset is copied to memory, starting at the target address. Anywhere
from 1 to 32 Bytes can be copied to memory with this command. Whole Bytes are copied even if only
partially written. The AA flag is cleared only by executing a write scratchpad command.
Read Memory [F0h]
The read memory command can be used to read the entire memory. After issuing the command, the user
must provide the 2-Byte target address. After the two Bytes, the user reads data beginning from the target
address and may continue until the end of memory, at which point logic 1’s are read. It is important to
realize that the target address registers contains the address provided. The ending offset/data status Byte
is unaffected.
The hardware of the DS199x provides a means to accomplish error-free writing to the memory section.
To safeguard reading data in the 1-Wire environment and to simultaneously speed up data transfers, it is
recommended to packetize data into data packets of the size of one memory page each. Such a packet
would typically store a 16-bit CRC with each page of data to ensure rapid, error-free data transfers that
eliminate having to read a page multiple times to determine if the received data is correct or not. (See
Application Note 114 for the recommended file structure to be used with the 1-Wire environment.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com