Electronic Components Datasheet Search
  English  ▼

X  

DS31407 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS31407
Description  3-Input, 4-Output, Single DPLL Timing IC with Sub-ps Output Jitter Differential
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31407 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS31407 Datasheet HTML 1Page - Maxim Integrated Products DS31407 Datasheet HTML 2Page - Maxim Integrated Products DS31407 Datasheet HTML 3Page - Maxim Integrated Products DS31407 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS31407
3
Detailed Features
Input Clock Features
Three input clocks, differential or CMOS/TTL signal format
Input clocks can be any frequency from 2kHz up to 750MHz
Supported telecom frequencies include PDH, SDH, Synchronous Ethernet, OTU-1, OTU-2, OTU-3
Per-input fractional scaling (i.e. multiplying by N
D where N is a 16-bit integer and D is a 32-bit integer and
N < D) to undo 64B/66B and FEC scaling (e.g., 64/66, 238/255, 237/255, 236/255)
Special mode allows locking to 1Hz input clocks
All inputs constantly monitored by programmable activity monitors and frequency monitors
Fast activity monitor can disqualify the selected reference after a few missing clock cycles
Frequency measurement and frequency monitor thresholds with 0.2ppm resolution
Three optional 2/4/8kHz frame-sync inputs
DPLL Features
Very high-resolution DPLL architecture
Sophisticated state machine automatically transitions between free-run, locked, and holdover states
Revertive or nonrevertive reference selection algorithm
Programmable bandwidth from 0.5mHz to 400Hz
Separately configurable acquisition bandwidth and locked bandwidth
Programmable damping factor: 1.2, 2.5, 5, 10, or 20
Multiple phase detectors: phase/frequency and multicycle
Phase/frequency locking (
360 capture) or nearest edge phase locking (180 capture)
Multicycle phase detection and locking (up to
8191UI) improves jitter tolerance and lock time
Phase build-out in response to reference switching for true hitless switching
Less than 1 ns output clock phase transient during phase build-out
Output phase adjustment up to
200ns in 6ps steps with respect to selected input reference
High-resolution frequency and phase measurement
Holdover frequency averaging over 1-second, 5.8-minute, and 93.2-minute intervals
Fast detection of input clock failure and transition to holdover mode
Low-jitter frame sync (8kHz) and multiframe sync (2kHz) aligned with output clocks
Digital Frequency Synthesizer Features
Two independently programmable DFS engines
Each DFS can synthesize any 2kHz multiple up to 77.76MHz
Per-DFS phase adjust (1/256UI steps)
Approximately 40ps RMS output jitter
Output APLL Features
Simultaneously produce four different output frequencies from the same reference clock
Standard telecom output frequencies include 622.08MHz, 155.52MHz, and 19.44MHz for SONET/SDH
and 156.25MHz, 125MHz, and 25MHz for Synchronous Ethernet
Very high-resolution fractional scaling (i.e., noninteger multiplication)
Less than 1ps RMS output jitter
ABRIDGED DATA SHEET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com