Electronic Components Datasheet Search
  English  ▼

X  

DS31407 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS31407
Description  3-Input, 4-Output, Single DPLL Timing IC with Sub-ps Output Jitter Differential
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31407 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS31407 Datasheet HTML 1Page - Maxim Integrated Products DS31407 Datasheet HTML 2Page - Maxim Integrated Products DS31407 Datasheet HTML 3Page - Maxim Integrated Products DS31407 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS31407
4
Output Clock Features
Four output clock signals in two groups
Output clock group OC1 has a very high-speed differential output (current-mode logic, ≤ 750MHz) and a
separate CMOS/TTL output (≤ 125MHz)
Output clock group OC4 has a high-speed differential output (LVDS/LVPECL, ≤ 312.5MHz) and a separate
CMOS/TTL ouptut (≤ 125MHz)
Each output can be any frequency from < 1Hz to max frequency stated above
Supported telecom frequencies include PDH, SDH, Synchronous Ethernet, OTN, microprocessor clock
frequencies, and much more
Internal clock muxing allows each output group to slave to its associated DFS block, an APLL output, or
any input clock (after being divided and scaled)
Outputs sourced directly from the APLL have less than 1ps RMS output jitter
Outputs sourced directly from DFS blocks have approximately 40ps RMS output jitter
Optional 32-bit frequency divider per output
8kHz frame sync and 2kHz multiframe sync outputs have programmable polarity and pulse width and can
be disciplined by a 2kHz or 8kHz frame sync input
Per-output delay adjustment
Per-output enable/disable
All outputs disabled during reset
General Features
SPI serial microprocessor interface
Four general-purpose I/O pins
Register set can be write protected
Operates from a 12.8MHz, 25.6MHz, 10.24MHz, 20.48MHz, 10MHz, 20MHz, 19.44MHz, or 38.88MHz
local oscillator
On-chip watchdog circuit for the local oscillator
Internal compensation for local oscillator frequency error
Note to readers:
This document is an abridged version of the full data sheet. To request the full data sheet, go to
www.maxim-ic.com/DS31407
and click on Request Full Data Sheet.
ABRIDGED DATA SHEET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com