Electronic Components Datasheet Search
  English  ▼

X  

MAX1765EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1765EEE
Description  800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1765EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1765EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Linear Regulator
The MAX1765 contains an LDO with a fixed 2.85V (or
adjustable) output. The MAX1765 linear regulator fea-
tures a 250mΩ, P-channel MOSFET pass transistor.
This provides several advantages, including longer bat-
tery life, over similar designs using a PNP pass transis-
tor. The P-channel MOSFET requires no base-drive
current. This reduces quiescent current considerably,
since PNP-based regulators tend to waste base-drive
current in dropout when the pass transistor saturates.
Connect the input of the linear regulator (INL) to POUT.
The linear regulator can be used to postfilter the switch-
ing regulator or regulate a separate supply voltage.
This regulated output is intended to power noise-sensi-
tive analog circuitry, such as low-noise amplifiers and
IF stages in cellular phones and other instruments, and
can deliver up to 500mA. Use a 4.7µF capacitor with
less than a 1Ω equivalent series resistance (ESR) on
the output to provide stability. The linear regulator has
an internal 1.3A (max) current limit and thermal-over-
load protection circuitry to protect this output.
Configurations
There are several useful circuit configurations that can
be implemented with the MAX1765. The TRACK input
divides the circuit configurations into two types, one
where the DC-DC converter tracks to the LDO output,
and the other where the boost and the LDO regulate
independently.
Track Mode
Asserting the TRACK input places the MAX1765 into
track mode, where the DC-DC switching regulator’s
feedback pin (FB) is ignored, and the boost output
(POUT) “tracks” to 500mV above the linear regulator
output. The primary use of the MAX1765 in TRACK
mode is as a simple or very-low-noise step-up/down
power supply (see Figures 3 and 4; also see the
Maximum Output Current vs. Input Voltage plot in the
Typical Operating Characteristics.)
This circuit operates as a linear regulator when the
input supply (a battery) is greater than VLDO. When the
battery discharges below VLDO, the DC-DC converter
turns on, boosting POUT to a constant 500mV above
the linear regulator output. This configuration also
allows for true shutdown (see
True Shutdown).
Dual-Supply Mode
When the TRACK input is low, the MAX1765 operates
two independent power supplies, a DC-DC converter,
and a linear regulator. One such application of this con-
figuration is shown in Figure 4. In this mode, the device
generates two boosted voltages from a single battery
supply. The DC-DC converter could be used to supply
the power amplifier (PA) of a cell phone, while the linear
regulator powers the baseband functions within the
phone. Asserting TRACK switches the device into track
mode when the high-voltage supply for the PA is no
longer needed, thus improving efficiency in standby-
receive mode. When the PA again needs 5V, deassert
the TRACK input.
Shutdown
The MAX1765 has a shutdown mode that reduces qui-
escent current to 1µA. During shutdown, the reference,
LDO, DC-DC converter, and all feedback and control
circuitry are off. Table 2 shows the MAX1765 shutdown
truth table. If ONA, ONB, and ONL are all deasserted,
the device is shut down.
True Shutdown
When a typical boost converter is placed into shut-
down, current can flow through the body diode of the
synchronous rectifier to the load. The MAX1765 can be
configured to allow true shutdown as shown in Figure 5.
The shutdown function is active low and is connected
to both ONA and ONL. When asserted, both the DC-DC
converter and the LDO are shut down simultaneously.
800mA, Low-Noise, Step-Up DC-DC Converter
with 500mA Linear Regulator
______________________________________________________________________________________
13
Figure 3. Simple Step-Up/Step-Down Converter
PGND
GND
MAX1765
FB
VOUT = 2.5V - 5.0V
AT 500mA
4.7
μF
33
μF
LX
OUT
POUT
TRACK
INL
OUTL
ILIM
REF
ONL
CLK/SEL
ONB
ONA
SHDN
INPUT
0.7V TO 5.5V
*
*
* OPTIONAL COMPONENTS
FBL
0.22
μF
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com