Electronic Components Datasheet Search
  English  ▼

X  

MAX1765EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1765EEE
Description  800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1765EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1765EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
800mA, Low-Noise, Step-Up DC-DC Converter
with 500mA Linear Regulator
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VOUT = VPOUT = VINL = VONA = VONL = 3.6V, CLK/SEL = FBL = ONB = TRACK = PGND = GND, ISET = REF (bypassed with
0.22µF), LX = open, OUTL = open (bypassed with 4.7µF), TA = 0°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC-DC SWITCHES
POUT Leakage Current
VLX = 0V, VOUT = 5.5V
0.1
10
µA
LX Leakage Current
VLX = VOUT = VONB = 5.5V, ONA = GND
0.1
10
µA
N-channel
0.17
0.28
Switch On-Resistance
P-channel
0.22
0.5
Ω
N-Channel Current Limit (Note 4)
ILIM
VISET = 1.25V, CLK/SEL = GND or OUT
1000
1250
1600
mA
P-Channel Turn-Off Current
CLK/SEL = GND
10
50
120
mA
REFERENCE
Reference Output Voltage
VREF
IREF = 0A
1.230
1.250
1.270
V
Reference Load Regulation
-1µA < IREF < 50µA
5
15
mV
Reference Supply Regulation
2.5V < VOUT < 5.5V
0.2
5
mV
LINEAR REGULATOR
INL Voltage Range
(Note 1)
2.3
5.5
V
INL Startup Voltage
VINL
VOUT = 2V, rising edge only
2.15
2.30
2.45
V
Output Voltage in Internal
Feedback Mode
FBL = GND, IOUTL = 10mA
2.80
2.85
2.90
V
FBL Dual-Mode Threshold
150
250
350
mV
FBL Regulation Voltage
VFBL
FBL = OUTL, IOUTL = 10mA, IREF = 0A
1.230
1.250
1.270
V
FBL Input Leakage Current
VFBL = 1.5V
0.01
50
nA
OUTL Adjust Range
1.25
5
V
Short-Circuit Current Limit
VFBL = 1V
550
1300
mA
Dropout Resistance
VFBL = 1V, IOUTL = 500mA
0.25
0.5
Ω
Load Regulation
1mA < IOUTL < 500mA, FBL = GND
0.5
1
%
Line Regulation
2.5V < (VOUT = VINL = VPOUT) < 5.5V,
FBL = OUTL
-0.5
0.5
%
INL Supply Current in Shutdown
OUTL = ONA = ONL = GND
0.1
10
µA
INL No-Load Supply Current
IOUTL = 0A, VINL = 5.5V
90
250
µA
AC Power-Supply Rejection
f = 10kHz
65
dB
Thermal Shutdown
Hysteresis approximately 10°C
160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com