Electronic Components Datasheet Search
  English  ▼

X  

MAX3293 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3293
Description  20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3293 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3293 Datasheet HTML 1Page - Maxim Integrated Products MAX3293 Datasheet HTML 2Page - Maxim Integrated Products MAX3293 Datasheet HTML 3Page - Maxim Integrated Products MAX3293 Datasheet HTML 4Page - Maxim Integrated Products MAX3293 Datasheet HTML 5Page - Maxim Integrated Products MAX3293 Datasheet HTML 6Page - Maxim Integrated Products MAX3293 Datasheet HTML 7Page - Maxim Integrated Products MAX3293 Datasheet HTML 8Page - Maxim Integrated Products MAX3293 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
20Mbps, +3.3V, SOT23 RS-485/
RS-422 Transmitters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.3V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND, unless otherwise noted.)
Supply Voltage (VCC).............................................................+6V
DE, DI .......................................................................-0.3V to +6V
Y, Z .........................................................................-7V to +12.5V
Maximum Continuous Power Dissipation (TA = +70°C)
SOT23 (derate 8.2mW/°C above +70°C) .................654.1mW
Operating Temperature Ranges
MAX32_ _AUT...............................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Junction Temperature .....................................................+160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VCC
3.135
3.300
3.465
V
Supply Current in Normal
Operation
IQ
No load, DI = VCC or GND, DE = VCC
5mA
Supply Current in Shutdown Mode
ISHDN
No load, DE = GND
1
10
µA
DRIVER
R = 50
Ω (RS-422),
TA
≤ +85°C
2.0
VCC
Differential Driver Output
VOD
Figure 1, DE = VCC,
DI = GND or VCC
R = 27
Ω (RS-485),
TA
≤ +85°C
1.5
VCC
V
Change in Magnitude of
Differential Output Voltage
ΔVOD
Figure 1, R = 27
Ω or 50Ω,
DE = VCC (Note 3)
0.2
V
Driver Common-Mode Output
Voltage
VOC
Figure 1, R = 27
Ω or 50Ω,
DE = VCC, DI = VCC or GND
-1
+3
V
Change in Magnitude of Common-
Mode Voltage
ΔVOC
Figure 1, R = 27
Ω or 50Ω (Note 3)
0.2
V
DRIVER LOGIC
Input High Voltage
VIH
DE, DI
2.0
V
Input Low Voltage
VIL
DE, DI
0.8
V
Input Current
IIN
DE, DI
-2
+2
µA
VIN = +12V
-20
+20
Output Leakage
IO
Y, Z
DE = GND,
VCC = GND or
+3.3V
VIN = -7V
-20
+20
µA
(VCC - 1V)
≤ VOUT ≤ +12V, output high
+25
Driver Short-Circuit Foldback
Output Current
IOSFD
-7V
≤ VOUT ≤ 1V, output high
-25
mA
0
≤ VOUT ≤ +12V, output low
-250
Driver Short-Circuit
Output Current
IOSD
-7V
≤ VOUT ≤ VCC, output high
+250
mA
Thermal-Shutdown Threshold
TTS
160
°C
Thermal-Shutdown Hysteresis
TTSH
40
°C
ESD Protection
Y, Z
Human Body Model
±9
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com