Electronic Components Datasheet Search
  English  ▼

X  

MAX3293 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3293
Description  20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3293 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3293 Datasheet HTML 1Page - Maxim Integrated Products MAX3293 Datasheet HTML 2Page - Maxim Integrated Products MAX3293 Datasheet HTML 3Page - Maxim Integrated Products MAX3293 Datasheet HTML 4Page - Maxim Integrated Products MAX3293 Datasheet HTML 5Page - Maxim Integrated Products MAX3293 Datasheet HTML 6Page - Maxim Integrated Products MAX3293 Datasheet HTML 7Page - Maxim Integrated Products MAX3293 Datasheet HTML 8Page - Maxim Integrated Products MAX3293 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
20Mbps, +3.3V, SOT23 RS-485/
RS-422 Transmitters
_______________________________________________________________________________________
3
SWITCHING CHARACTERISTICS (MAX3293)
(VCC = +3.3V ±5%, TA = +25°C, unless otherwise noted. Typical values are at VCC = +3.3V.)
SWITCHING CHARACTERISTICS (MAX3294)
(VCC = +3.3V ±5%, TA = +25°C, unless otherwise noted. Typical values are at VCC = +3.3V.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
400
1300
Driver Propagation Delay
tPHL
Figures 2, 3; RDIFF = 54 ,
CL = 50pF
400
1300
ns
tR
400
1200
Driver Differential Output Rise
or Fall Time
tF
Figures 2, 3; RDIFF = 54 ,
CL = 50pF
400
1200
ns
Driver-Output Skew
tSKEW
Figures 2, 3; RDIFF = 54 , CL = 50pF,
tSKEW = | tPLH - tPHL | (Note 5)
-400
+400
ns
Differential Driver-Output Skew
tDSKEW
Figures 2, 3; RDIFF = 54 , CL = 50pF
-100
+100
ns
Maximum Data Rate
Figures 2, 3; RDIFF = 54 , CL = 50pF
250
kbps
Driver Enable to Output High
tZH
Figures 4, 5; S2 closed, RL = 500 ,
CL = 100pF
2000
ns
Driver Enable to Output Low
tZL
Figures 4, 5; S1 closed, RL = 500 ,
CL = 100pF
2000
ns
Driver Disable Time from Low
tLZ
Figures 4, 5; S1 closed, RL = 500 ,
CL = 100pF
1000
ns
Driver Disable Time from High
tHZ
Figures 4, 5; S2 closed, RL = 500 ,
CL = 100pF
1000
ns
Device-to-Device Propagation
Delay Matching
Same power supply, maximum temperature
difference between devices = +30°C (Note 5)
900
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
24
70
Driver Propagation Delay
tPHL
Figures 2, 3; RDIFF = 54 ,
CL = 50pF
24
70
ns
tR
10
70
Driver Differential Output Rise
or Fall Time
tF
Figures 2, 3; RDIFF = 54 ,
CL = 50pF
10
70
ns
Driver-Output Skew
tSKEW
Figures 2, 3; RDIFF = 54 , CL = 50pF,
tSKEW = | tPLH - tPHL | (Note 5)
-40
+40
ns
Differential Driver-Output Skew
tDSKEW
Figures 2, 3; RDIFF = 54 , CL = 50pF
-6
+6
ns
Maximum Data Rate
Figures 2, 3; RDIFF = 54 , CL = 50pF
2.5
Mbps
Driver Enable to Output High
tZH
Figures 4, 5; S2 closed, RL = 500 ,
CL = 100pF
400
ns
Driver Enable to Output Low
tZL
Figures 4, 5; S1 closed, RL = 500 ,
CL = 100pF
400
ns
Driver Disable Time from Low
tLZ
Figures 4, 5; S1 closed, RL = 500 ,
CL = 100pF
100
ns
Driver Disable Time from High
tHZ
Figures 4, 5; S2 closed, RL = 500 ,
CL = 100pF
100
ns
Device-to-Device Propagation
Delay Matching
Same power supply, maximum temperature
difference between devices = +30°C (Note 5)
46
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com