Electronic Components Datasheet Search
  English  ▼

X  

MAX8520 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX8520
Description  Smallest TEC Power Drivers for Optical Modules Low Profile Design
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8520 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX8520 Datasheet HTML 9Page - Maxim Integrated Products MAX8520 Datasheet HTML 10Page - Maxim Integrated Products MAX8520 Datasheet HTML 11Page - Maxim Integrated Products MAX8520 Datasheet HTML 12Page - Maxim Integrated Products MAX8520 Datasheet HTML 13Page - Maxim Integrated Products MAX8520 Datasheet HTML 14Page - Maxim Integrated Products MAX8520 Datasheet HTML 15Page - Maxim Integrated Products MAX8520 Datasheet HTML 16Page - Maxim Integrated Products MAX8520 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Smallest TEC Power Drivers for Optical
Modules
______________________________________________________________________________________
13
Inductor Selection
The MAX8520/MAX8521 dual buck converters operate
in-phase and in complementary mode to drive the TEC
differentially in a current-mode control scheme. At zero
TEC current, the differential voltage is zero, hence the
outputs with respect to GND are equal to half of VDD.
As the TEC current demand increases, one output will
go up and the other will go down from the initial point of
0.5VDD by an amount equal to 0.5  VTEC (VTEC = ITEC
 RTEC). Therefore, the operating duty cycle of each
buck converter depends on the operating ITEC and
RTEC. Since inductor current calculation for heating and
cooling are identical, but reverse in polarity, the calcu-
lation only needs to be carried out for either one.
For a given inductor, and input voltage, the maximum
inductor ripple current happens when the duty cycle is
at 50%. Therefore, the inductor should be calculated at
50% duty cycle to find the maximum ripple current. The
maximum desired ripple current of a typical standard
buck converter is in the range of 20% to 40% of the
maximum load. The higher the value of the inductor, the
lower the ripple current. However, the size will be phys-
ically larger. For the TEC driver the thermal loop is
inherently slow, so the inductor can be larger for lower
ripple current for better noise and EMI performance.
Picking an inductor to yield ripple current of 10% to
20% of the maximum TEC current is a good starting
point.
Calculate the inductor value as follows:
where LIR is the selected inductor ripple-current ratio,
ITEC(MAX) is the maximum TEC current, and fs is the
switching frequency
As an example, for VDD = 3.3V, LIR = 12%, and fs =
1MHz, L = 4.58µH
Even though each inductor ripple current is at its maxi-
mum at 50% duty cycle (zero TEC current), the ripple
cancels differentially because each is equal and in-
phase.
Output Filter Capacitor Selection
Common-Mode Filter Capacitors
The common-mode filter capacitors (C2 and C7 of
Figure 1) are used as filter capacitors to ground for
each output. The output ripple voltage depends on the
capacitance, the ESR of these capacitors, and the
inductor ripple current. Ceramic capacitors are recom-
mended for their low ESR and impedance at high fre-
quency.
L
V
LIR I
fs
DD
TEC MAX
=
×
()
××
025
.
()
CTLI
RSENSE
CS
OS1
CCOMP
R
R
0.5X
REF
1.2X
COMP
PWM
4X
LX2
3/4 VDD
1/4 VDD
LX1
-1.2
+1.2
10X
1
gm
Figure 3. Functional Diagram of the Current-Control Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com