Electronic Components Datasheet Search
  English  ▼

X  

MAX8520 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8520
Description  Smallest TEC Power Drivers for Optical Modules Low Profile Design
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8520 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8520 Datasheet HTML 1Page - Maxim Integrated Products MAX8520 Datasheet HTML 2Page - Maxim Integrated Products MAX8520 Datasheet HTML 3Page - Maxim Integrated Products MAX8520 Datasheet HTML 4Page - Maxim Integrated Products MAX8520 Datasheet HTML 5Page - Maxim Integrated Products MAX8520 Datasheet HTML 6Page - Maxim Integrated Products MAX8520 Datasheet HTML 7Page - Maxim Integrated Products MAX8520 Datasheet HTML 8Page - Maxim Integrated Products MAX8520 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Smallest TEC Power Drivers for Optical
Modules
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
SHDN, MAXV, MAXIP, MAXIN,
CTLI to GND .........................................................-0.3V to +6V
COMP, FREQ, OS1, OS2, CS, REF,
ITEC to GND...........................................-0.3V to (VDD + 0.3V)
PVDD1, PVDD2 to GND .............................-0.3V to (VDD + 0.3V)
PVDD1, PVDD2 to VDD..........................................-0.3V to +0.3V
PGND1, PGND2 to GND .......................................-0.3V to +0.3V
COMP, REF, ITEC short to GND....................................Indefinite
LX Current (Note 1) ........................................±2.25A LX Current
Continuous Power Dissipation (TA = +70°C)
6 x 6 UCSP (derate 22mW/°C above +70°C) ...............1.75W
20-Pin 5mm x 5mm x 0.9mm TQFN (derate 20.8mW/°C
above +70°C) (Note 2)...................................................1.67W
36-Bump WLP (derate 22mW/°C above +70°C)............1.75W
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-Free (TQFN, WLP)........................................+260°C
Containing Lead (UCSP)............................................. +240°C
ELECTRICAL CHARACTERISTICS
(VDD = VPVDD1 = VPVDD2 = VSHDN = 5V, 1MHz mode (Note 4). PGND1 = PGND2 = GND, CTLI = MAXV = MAXIP = MAXIN = REF,
TA = 0°C to +85°C, unless otherwise noted. Typical values at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply Range
VDD
3.0
5.5
V
Maximum TEC Current
±1.5
A
Reference Voltage
VREF
VDD = 3V to 5.5V, IREF = 150µA
1.485
1.500
1.515
V
Reference Load Regulation
∆VREF
VDD = 3V to 5V, IREF = 10µA to 1mA
1.2
5.0
mV
VMAXI_ = VREF
140
150
160
VDD = 5V
VMAXI_ = VREF/3
40
50
60
VMAXI_ = VREF
143
150
155
MAXIP/MAXIN Threshold
Accuracy
VDD = 3V
VMAXI_ = VREF/3
45
50
55
mV
VDD = 5V, I = 0.2A
0.09
0.14
nFET On-Resistance
RDS(ON-N)
VDD = 3V, I = 0.2A
0.11
0.16
Ω
VDD = 5V, I = 0.2A
0.14
0.23
pFET On-Resistance
RDS(ON-P)
VDD = 3V, I = 0.2A
0.17
0.30
Ω
VLX = VDD = 5V, TA = +25
°C
0.03
4.00
nFET Leakage
ILEAK(N)
VLX = VDD = 5V TA = +85
°C
0.3
µA
VLX = 0V, TA = +25
°C
0.03
4.00
pFET Leakage
ILEAK(P)
VLX = 0V, TA = +85
°C
0.3
µA
Note 1: LX has internal clamp diodes to PGND and PVDD. Applications that forward bias these diodes should take care not to
exceed the IC’s package power dissipation limits.
Note 2: Solders underside metal slug to PCB ground plane.
PACKAGE THERMAL CHARACTERISTICS (Note 3)
20 TQFN
Junction-to-Ambient Thermal Resistance (
θJA)...............30°C/W
Junction-to-Case Thermal Resistance (
θJC)......................2°C/W
6x6 UCSP
Junction-to-Ambient Thermal Resistance (
θJA)................65.5°C/W
Junction-to-Case Thermal Resistance (
θJC).......................0°C/W
36 WLP
Junction-to-Ambient Thermal Resistance (
θJA)..................38°C/W
Junction-to-Case Thermal Resistance (
θJC)......................4°C/W
Note 3: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com