| Electronic Components Datasheet Search |
|
MAX9924 Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX9924 Datasheet(HTML) 2 Page - Maxim Integrated Products |
|
2 / 23 page ![]() Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VCC = 5V, VGND = 0V, MAX9925/MAX9927 gain setting = 1V/V, Mode A1, VBIAS = 2.5V, VPULLUP = 5V, RPULLUP = 1kΩ, CCOUT = 50pF. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. VCC to GND .............................................................-0.3V to + 6V All Other Pins..............................................-0.3V to (VCC + 0.3V) Current into IN+, IN-, IN_+, IN_-.......................................±40mA Current into All Other Pins ................................................±20mA Output Short-Circuit (OUT_, OUT) to GND.............................10s Continuous Power Dissipation (TA = +70°C) (Note 1) 10-Pin µMAX (derate 8.8mW/°C above +70°C) ........707.3mW 16-Pin QSOP (derate 9.6mW/°C above +70°C)........771.5mW Operating Temperature Range .........................-40°C to +125°C Junction Temperature ......................................................+150°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10s) .................................+300°C Soldering Temperature (reflow) .......................................+260°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS POWER SUPPLY Operating Supply Range VCC (Note 3) 4.5 5.5 V MAX9924/MAX9925 2.6 5 Supply Current ICC MAX9926/MAX9927 4.7 10 mA Power-On Time PON VCC > VUVLO = 4.1V, step time for VCC ~ 1µs 30 150 µs INPUT OPERATIONAL AMPLIFIER (MAX9925/MAX9927) Input Voltage Range IN+, IN- Guaranteed by CMRR 0 VCC V Temperature drift 5 µV/ °C Input Offset Voltage VOS-OA 0.5 3 mV Input Bias Current IBIAS (Note 4) 0.1 6 nA Input Offset Current IOFFSET (Note 4) 0.05 2 nA Common-Mode Rejection Ratio CMRR From VCM = 0 to VCC 75 102 dB MAX9925 88 105 Power-Supply Rejection Ratio PSRR MAX9927 77 94 dB Output Voltage Low VOL IOL = 1mA 0.050 V Output Voltage High VOH IOH = -1mA VCC - 0.050 V Recovery Time from Saturation tSAT To 1% of the actual VOUT after output saturates 1.2 µs Gain-Bandwidth Product GBW 1.4 MHz Slew Rate SR 2.3 V/µs Charge-Pump Frequency fCP 1.3 MHz Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial. µMAX Junction-to-Ambient Thermal Resistance ( θJA) ......113.1°C/W Junction-to-Case Thermal Resistance ( θJC) ................42°C/W QSOP Junction-to-Ambient Thermal Resistance ( θJA) ......103.7°C/W Junction-to-Case Thermal Resistance ( θJC) ................37°C/W PACKAGE THERMAL CHARACTERISTICS (Note 1) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |