Electronic Components Datasheet Search
  English  ▼

X  

MAX9924 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9924
Description  Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9924 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9924 Datasheet HTML 2Page - Maxim Integrated Products MAX9924 Datasheet HTML 3Page - Maxim Integrated Products MAX9924 Datasheet HTML 4Page - Maxim Integrated Products MAX9924 Datasheet HTML 5Page - Maxim Integrated Products MAX9924 Datasheet HTML 6Page - Maxim Integrated Products MAX9924 Datasheet HTML 7Page - Maxim Integrated Products MAX9924 Datasheet HTML 8Page - Maxim Integrated Products MAX9924 Datasheet HTML 9Page - Maxim Integrated Products MAX9924 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Variable Reluctance Sensor Interfaces with
Differential Input and Adaptive Peak Threshold
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 5V, VGND = 0V, MAX9925/MAX9927 gain setting = 1V/V. All values are at TA = +25°C, unless otherwise noted.)
-5
5
0
15
10
25
20
30
-50
0
25
-25
50
75
100
125
MINIMUM AND ZERO-CROSSING
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
VCM = 2.5V
fIN = 5Hz
ZERO CROSSING
AT 5Hz
MINIMUM THRESHOLD
ZERO CROSSING
AT 1Hz
0
25
50
75
100
CMRR vs. TEMPERATURE
TEMPERATURE (
°C)
-50
25
50
-25
0
75
100
125
MAX9924
VCM = 0 TO 5V
INPUT SIGNAL vs. COUT WITH
WATCHDOG TIMER EXPIRED
MAX9924 toc12
20ms/div
VBIAS
5V
fIN = 5Hz
COUT
INPUT SIGNAL
INPUT SIGNAL vs. COUT WITH
WATCHDOG TIMER EXPIRED
MAX9924 toc13
100
μs/div
VBIAS
5V
fIN = 1kHz
COUT
INPUT SIGNAL
833mV
MAX9924 toc14
100
μs/div
OVERDRIVEN INPUT VOLTAGES
(MAX9924)
MAX9924 toc15
200
μs/div
DIRN OPERATION
(MAX9924)
MAX9924 toc16
INPUT REFERRED NOISE DENSITY
vs. FREQUENCY
10
20
60
40
80
100
10
1k
100
10k
100k
1M
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com