Electronic Components Datasheet Search
  English  ▼

X  

MAX9995 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9995
Description  Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9995 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9995 Datasheet HTML 1Page - Maxim Integrated Products MAX9995 Datasheet HTML 2Page - Maxim Integrated Products MAX9995 Datasheet HTML 3Page - Maxim Integrated Products MAX9995 Datasheet HTML 4Page - Maxim Integrated Products MAX9995 Datasheet HTML 5Page - Maxim Integrated Products MAX9995 Datasheet HTML 6Page - Maxim Integrated Products MAX9995 Datasheet HTML 7Page - Maxim Integrated Products MAX9995 Datasheet HTML 8Page - Maxim Integrated Products MAX9995 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX9995 dual, high-linearity, downconversion
mixer provides 6.1dB gain, +25.6dBm IIP3, and 9.8dB
NF for WCDMA, TD-SCDMA, LTE, TD-LTE, and
GSM/EDGE base-station applications.
This device integrates baluns in the RF and LO ports, a
dual-input LO selectable switch, an LO buffer, two double-
balanced mixers, and a pair of differential IF output ampli-
fiers. The MAX9995 requires a typical LO drive of 0dBm
and supply current is guaranteed to be below 380mA.
These devices are available in a compact 36-pin TQFN
package (6mm
× 6mm) with an exposed pad. Electrical
performance is guaranteed over the extended tempera-
ture range, from TC = -40°C to +85°C.
Applications
Features
o 1700MHz to 2700MHz RF Frequency Range
o 1400MHz to 2600MHz LO Frequency Range
o 40MHz to 350MHz IF Frequency Range
o 6.1dB Conversion Gain
o +25.6dBm Input IP3
o 9.8dB Noise Figure
o 66dBc 2RF - 2LO Spurious Rejection at
PRF = -10dBm
o Dual Channels Ideal for Diversity Receiver
Applications
o Integrated LO Buffer
o Integrated RF and LO Baluns for Single-Ended
Inputs
o Low -3dBm to +3dBm LO Drive
o Built-In SPDT LO Switch with 50dB LO1 - LO2
Isolation and 50ns Switching Time
o 44dB Channel-to-Channel Isolation
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz
Downconversion Mixer with LO Buffer/Switch
________________________________________________________________
Maxim Integrated Products
1
19-3383; Rev 1; 3/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
cdma2000 is a registered trademark of Telecommunications
Industry Association.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX9995ETX+
TC* = -40°C to +85°C 36 TQFN-EP**
MAX9995ETX+T
TC* = -40°C to +85°C 36 TQFN-EP**
+Denotes a lead(PB)-free and RoHS-compliant package.
*
TC = Case temperature.
**
EP = Exposed pad.
T = Tape and reel.
1
2
3
4
5
6
7
8
9
19
20
21
22
23
24
25
26
27
LO2
VCC
GND
VCC
GND
GND
TAPDIV
TAPMAIN
RFMAIN
RFDIV
EXPOSED
PAD*
LO1
LOSEL
GND
GND
GND
GND
GND
VCC
MAX9995
*EXPOSED PAD ON THE BOTTOM OF THE PACKAGE
6mm x 6mm TQFN
TOP VIEW
Pin Configuration/
Functional Diagram
WCDMA, TD-SCDMA,
and cdma2000® 3G
Base Stations
LTE and TD-LTE
Base Stations
GSM/EDGE
Base Stations
PHS/PAS Base Stations
Fixed Broadband
Wireless Access
Wireless Local Loop
Private Mobile Radio
Military Systems


Similar Part No. - MAX9995

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9995 MAXIM-MAX9995 Datasheet
389Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
MAX9995 MAXIM-MAX9995 Datasheet
837Kb / 8P
40MHz to 350MHz IF Frequency Range
Rev 0; 8/04
MAX9995ETX MAXIM-MAX9995ETX Datasheet
363Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9995ETX+ MAXIM-MAX9995ETX+ Datasheet
389Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
More results

Similar Description - MAX9995

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX9995 MAXIM-MAX9995_13 Datasheet
389Kb / 13P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com