Electronic Components Datasheet Search
  English  ▼

X  

STK4067 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK4067
Description  High-Output Power Amplifier for Car Stereos (Po = 60 W typ.)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4067 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK4067 Datasheet HTML 1Page - Sanyo Semicon Device STK4067 Datasheet HTML 2Page - Sanyo Semicon Device STK4067 Datasheet HTML 3Page - Sanyo Semicon Device STK4067 Datasheet HTML 4Page - Sanyo Semicon Device STK4067 Datasheet HTML 5Page - Sanyo Semicon Device STK4067 Datasheet HTML 6Page - Sanyo Semicon Device STK4067 Datasheet HTML 7Page - Sanyo Semicon Device STK4067 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STK4067
No. 4376-2/8
Specifications
Maximum Ratings at Ta=25°C
Recommended Operating Conditions at Ta=25°C
Operating Characteristics at Ta = 25°C, VCC = 13.2 V, RL = 2 Ω, Rg = 600 Ω, VG = 46 dB
Equivalent Circuit
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max (1) No signal (with circuit cut off) 30s
30
V
VCC max (2) With signal (f = 100 kHZ, Vin = 1 Vrms, t = 100 ms)
18
V
Output current
IO max
15
A
Junction temperature
Tj
150
°C
Thermal resistance
θj-c
Per power transistor
1.6
°C/W
Operating substrate temperature
Tc
110
°C
Storage temperature
Tstg
–40 to +125
°C
Available time for load shorted
ts
VCC = 13.2 V, RL = 2 Ω, f = 50 Hz, PO = 25 W
2
s
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
13.2
V
Load resistance
RL
2
Ω
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
Rg = 10 k
Ω
70
140
mA
Output power
PO (1)
THD = 10%, f = 1 kHz, RL = 1 Ω
50
60
W
PO (2)
THD = 10%, f = 1 kHz, RL = 2 Ω
40
W
Total harmonic distortion
THD (1)
PO = 10 W, f =1kHz
0.025
0.1
%
THD (2)
PO = 1 W, f = 20 to 20 kHz
0.4
%
Voltage gain
VG
PO = 1 W, f = 1 kHz
43.8
46.0
48.2
dB
Frequency response
fL, fL
PO =1 W,
+0
dB
20 to 30k
Hz
–3
Input resistance
ri
PO = 1 W, f = 1 kHz
20
30
k
Ω
Output noise voltage
VNO
Rg = 10 k
Ω, BPF
0.6
1.2
mVrms
Output offset voltage
∆VN
Rg = 10 k
Ω
–200
0
+200
mV
Muting suppression level
ATT
VM = +5 V
∞
dB
Ripple rejection
SVRR
fR = 100 Hz, Rg = 0 Ω, VR = 0 dBm
–47
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com