Electronic Components Datasheet Search
  English  ▼

X  

STK4067 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK4067
Description  High-Output Power Amplifier for Car Stereos (Po = 60 W typ.)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4067 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK4067 Datasheet HTML 1Page - Sanyo Semicon Device STK4067 Datasheet HTML 2Page - Sanyo Semicon Device STK4067 Datasheet HTML 3Page - Sanyo Semicon Device STK4067 Datasheet HTML 4Page - Sanyo Semicon Device STK4067 Datasheet HTML 5Page - Sanyo Semicon Device STK4067 Datasheet HTML 6Page - Sanyo Semicon Device STK4067 Datasheet HTML 7Page - Sanyo Semicon Device STK4067 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STK4067
No. 4376-5/8
Sample STK4067 Heat Sink Design
The radiator thermal resistance
θc-a required for total substrate power dissipation Pd in the STK4067 is determined as:
Condition 1: IC substrate temperature Tc not to exceed 110°C.
Pd x
θc-a+Ta <110°C ······························· (1)
where Ta is set assured ambient temperature.
Condition 2: Power transistor junction temperature Tj not to exceed 150°C.
Pd x
θc-a+Pd/N x θj-c+Ta<150°C·············(2)
where N is the number of power transistors and
θj-c is the thermal resistance per power transistor chip.
However, power transistor power consumption is Pd equally divided by N units.
Expressions (1) and (2) can be rewritten based on
θc-a to yield:
θc-a<(110–Ta)/Pd ······································(1)'
θc-a<(150–Ta)/Pd–θj-c/N··························(2)'
The required radiator thermal resistance will satisfy both of these expressions.
From expressions (1)' and (2)', the required radiator thermal resistance can be determined once the following
specifications are known:
•
Supply voltage
VCC
•
Load resistance
RL
•
Assured ambient temperature
Ta
The total substrate power consumption when STK4067 VCC is ±13.2 V and RL is 2 Ω, for a continuous sine wave
signal, is a maximum of 19.3W (Fig. 2).
The STK4067 has four power transistors, so the thermal resistance per transistor
θj-c is 1.6°C / W. With an assured
ambient temperature Ta of 50°C, the required radiator thermal resistance
θc-a would be:
From expression (1)'
θc-a <(110–50)/19.3
<3.1
From expression (2)'
θc-a <(150–50)/19.3–1.6/4
<4.78
To satisfy both, 3.1°C/W is the required radiator thermal resistance.
Figure 1 illustrates Pd - PO when the VCC of STK4067 is 13.2V and RL is functioning at 1Ω.
Pd max= 34.8W
From expression (1)'
θc-a <(110–50)/34.8
<1.72
From expression (2)'
θc-a <(150-50)/34.8–1.6/4
<2.47
To satisfy both, 1.72°C/W is the required radiator thermal resistance.
Similar to figure 3 when the STK4067’s VCC is 13.2 V and RL is 4Ω.
Pd max= 12W
From expression (1)'
θc-a <(110–50)/12
<5
From expression (2)'
θc-a <(150-50)/12–1.6/4
<7.93
To satisfy both, 5°C / W is the required radiator thermal resistance. This design example is based on a fixed voltage
supply, and will require verification within your specific set environment.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com