Electronic Components Datasheet Search
  English  ▼

X  

SFT5333A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT5333A
Description  HIGH SPEED PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5333A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT5333A Datasheet HTML 1Page - Solid States Devices, Inc SFT5333A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0054C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT5333A
Electrical Characteristic
4/
Symbol
Min
Max
Units
Collector – Emitter Breakdown Voltage*
IC = 30mA
BVCEO
70
––
Volts
Collector – Base Breakdown Voltage
IC = 200µA
BVCBO
100
––
Volts
Emitter – Base Breakdown Voltage
IE = 200µA
BVEBO
6
––
Volts
Collector – Cutoff Current
VCB = 90V, TC= 25ºC
VCB = 90V, TC= 100ºC
ICBO
––
1
75
µA
Collector – Cutoff Current
VCE = 40V
ICEO
––
5
µA
Emitter – Cutoff Current
VEB = 6V
IEBO
––
1
µA
DC Current Gain *
(VCE = 5V)
IC = 1A
IC = 2A
HFE
40
40
250
––
––
Collector – Emitter Saturation Voltage *
IC = 1A, IB = 100mA
IC = 2A, IB = 200mA
VCE(Sat)
––
––
0.45
1.0
Volts
Base – Emitter Voltage *
IC = 2A, VCE = 4VDC
VBE(On)
––
1.5
Volts
Current Gain Bandwidth Product
VCE = 10V, IC = 1ADC, f = 10MHz
fT
85
––
MHz
Output Capacitance
VCB = 30V, IE = 0A, f = 1MHz
Cob
––
75
pF
Input Capacitance
VBE = 6V, IC = 0A, f = 1MHz
Cib
––
300
pF
Turn On Time
VCC = 20V, IC = 1ADC,
VEB(Off) = 3.7V,
IB1 = IB2 = 100mADC, RL= 20Ω
tON
––
150
nsec
Turn Off Time
tOFF
––
450
nsec
TO-5
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3 (Case)
TO-5
Emitter
Base
Collector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com