Electronic Components Datasheet Search
  English  ▼

X  

SFT5333A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT5333A
Description  HIGH SPEED PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5333A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT5333A Datasheet HTML 1Page - Solid States Devices, Inc SFT5333A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0054C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT5333A __
__
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
└ Package
__ = TO-5
SFT5333A
2 AMP, 100 Volts
HIGH SPEED PNP TRANSISTOR
Features:
• Radiation Tolerant
• Fast Switching, 150ns max t(on)
• High Frequency, fT 85MHz min.
• BVCEO 70 Volts min.
• Low Saturation Voltage
• 200ºC Operating Temperature, Gold Eutectic Die Attach
• Designed for Complementary Use with SFT4300A
• TX, TXV, S-Level Screening Available2/ - Consult Factory
Maximum Ratings3/
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
70
Volts
Collector – Base Voltage
VCBO
100
Volts
Emitter – Base Voltage
VEBO
6
Volts
Collector Current
IC
2
Amps
Base Current
IB
1
Amps
Total Device Dissipation @ TC = 100ºC
Derate above 100ºC
PD
15
150
W
mW/ºC
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
7
ºC/W
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For ordering information, price, operating curves, and
availability - Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows
available on request.
3/ Unless Otherwise Specified, All Electrical Characteristics
@25ºC.
TO-5


Similar Part No. - SFT5333A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT5333A SSDI-SFT5333A Datasheet
218Kb / 2P
SFT5333A 100 VOLTS HIGH SPEED PNP TRANSISTOR
More results

Similar Description - SFT5333A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5007 ETC-2N5007 Datasheet
481Kb / 6P
HIGH SPEED PNP TRANSISTOR
logo
Solid States Devices, I...
SFT501 SSDI-SFT501_1 Datasheet
121Kb / 2P
HIGH SPEED PNP Transistor
SFT501-J SSDI-SFT501-J Datasheet
122Kb / 2P
HIGH SPEED PNP Transistor
SFT2907A SSDI-SFT2907A_1 Datasheet
177Kb / 3P
PNP High Speed Transistor
SFT5001 SSDI-SFT5001_1 Datasheet
128Kb / 2P
High Speed PNP Transistor
TR0022C SSDI-TR0022C Datasheet
177Kb / 3P
PNP High Speed Transistor
TR0040 SSDI-TR0040 Datasheet
121Kb / 2P
HIGH SPEED PNP Transistor
TR0054C SSDI-TR0054C Datasheet
115Kb / 2P
HIGH SPEED PNP TRANSISTOR
TR0099 SSDI-TR0099 Datasheet
128Kb / 2P
High Speed PNP Transistor
TR0100B SSDI-TR0100B Datasheet
132Kb / 2P
HIGH SPEED PNP Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com