Electronic Components Datasheet Search
  English  ▼

X  

MAX66040 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX66040
Description  ISO/IEC 14443 Type B-Compliant Secure Memory Supports AFI and CID Function
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX66040 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX66040 Datasheet HTML 7Page - Maxim Integrated Products MAX66040 Datasheet HTML 8Page - Maxim Integrated Products MAX66040 Datasheet HTML 9Page - Maxim Integrated Products MAX66040 Datasheet HTML 10Page - Maxim Integrated Products MAX66040 Datasheet HTML 11Page - Maxim Integrated Products MAX66040 Datasheet HTML 12Page - Maxim Integrated Products MAX66040 Datasheet HTML 13Page - Maxim Integrated Products MAX66040 Datasheet HTML 14Page - Maxim Integrated Products MAX66040 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Detailed Command Descriptions
Get System Information
This command allows the master to retrieve technical
information about the MAX66040. In the response, the
least significant UID byte is transmitted first. The
response is adapted from ISO 15693-3, Section 10. The
IC Reference code indicates the die revision in hexa-
decimal format, such as A1h, A2h, B1h, etc. To receive
the system information, issue a request with the com-
mand code 2Bh in the request information field.
For additional command descriptions, refer to the
full data sheet.
INDICATOR
INFO
FLAGS
UID
U1
AFI
NUMBER OF
BLOCKS
MEMORY BLOCK
SIZE
IC REFERENCE
00h
0Fh
(8 Bytes)
(1 Byte)
(1 Byte)
13h
07h
(1 Byte)
Response Information Field for the Get System Information Command (No Error)
ISO/IEC 14443 Type B-Compliant
Secure Memory
______________________________________________________________________________________
13
ABRIDGED DATA SHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com