| Electronic Components Datasheet Search |
|
MAX66040 Datasheet(PDF) 21 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX66040 Datasheet(HTML) 21 Page - Maxim Integrated Products |
|
21 / 25 page ![]() in the request and the CID in the device match. If the DESELECT request does not include a CID, the MAX66040 only responds to the request if its CID is 0000b. The response frame to the DESELECT command is identical to the request frame. The slave returns the same data that it had received, confirming that the slave addressed in the request has been transitioned to the HALT sate. Anticollision Examples Probabilistic Anticollision The master starts the anticollision process by issuing an REQB or WUPB command. The WUPB command involves any slave in the field with a matching AFI code. The REQB command performs the same function, but is ignored by slaves in the HALT state. Both commands include the parameter N, which according to Table 15 is used to set the probability of an ATQB response to 1/N. If N = 1, all participating slaves respond with the ATQB response. If N is greater than one, then each slave selects a random number R in the range of 1 to N. If a slave happens to choose R = 1, then it responds with ATQB. If R is greater than 1, then the slave waits for another REQB or WUPB command, which causes the participating slaves to choose a new random number R. The ATQB response contains a field named PUPI, which is used to direct commands to a specific slave during the anticollision process. When the master receives an ATQB response, it should issue a matching HLTB command to halt the slave or issue a matching ATTRIB command to assign a CID and place the slave in the ACTIVE state. If this is not done, the slaves con- tinue to participate in the anticollision process. A slave in the ACTIVE state ignores all REQB, WUPB, SLOT- MARKER, ATTRIB, and HLTB commands, but responds to the DESELECT command. An ATQB response received with a CRC error indicates a collision because two or more slaves have responded at the same time. With probabilistic anticollision, the master must issue another REQB command to cause the slaves in the field that are not in the HALT or ACTIVE state to select a new random number R. If one of the slaves has chosen R = 1, it responds with ATQB. A REQB without ATQB response does not guaran- tee that all slaves in the field have been identified. Figure 30 shows an example of the time-slot anticolli- sion, assuming that there are four slaves in IDLE state in the field. The process begins with the master sending an REQB request with N = 1, which forces all slaves to respond with ATQB, resulting in a collision. Knowing that slaves are present, the master now sends REQB with N = 8. This causes all slaves to select a random number in the range of 1 to 8. Only the slave that has chosen R = 1 responds, which is slave C in the example. Knowing that there are more slaves in the field, the master continues issuing REQB commands, which in the example, even- tually identifies all slaves. Due to its statistical nature, probabilistic anticollision is less likely to find every slave in the field than the time-slot anticollision. ISO/IEC 14443 Type B-Compliant Secure Memory 30 ______________________________________________________________________________________ ABRIDGED DATA SHEET TESTING FOR SLAVES ATTEMPT 1 ATTEMPT 2 ATTEMPT 3 ATTEMPT 4 ATTEMPT 5 ATTEMPT 6 MASTER REQB (N = 1) REQB (N = 8) REQB (N = 8) REQB (N = 8) REQB (N = 8) REQB (N = 8) REQB (N = 8) SLAVE A ATQB (R = 3) (R = 7) (R = 1) ATQB (R = 3) (R = 6) (R = 8) SLAVE B ATQB (R = 6) (R = 4) (R = 8) (R = 8) (R = 5) (R = 1) ATQB SLAVE C ATQB (R = 1) ATQB (R = 8) (R = 2) (R = 4) (R = 3) (R = 4) SLAVE D ATQB (R = 2) (R = 1) ATQB (R = 5) (R = 8) (R = 4) (R = 2) Figure 30. Probabilistic Anticollision Example |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |