Electronic Components Datasheet Search
  English  ▼

X  

BFP460 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFP460
Description  NPN Silicon RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP460 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFP460 Datasheet HTML 1Page - Infineon Technologies AG BFP460 Datasheet HTML 2Page - Infineon Technologies AG BFP460 Datasheet HTML 3Page - Infineon Technologies AG BFP460 Datasheet HTML 4Page - Infineon Technologies AG BFP460 Datasheet HTML 5Page - Infineon Technologies AG BFP460 Datasheet HTML 6Page - Infineon Technologies AG BFP460 Datasheet HTML 7Page - Infineon Technologies AG BFP460 Datasheet HTML 8Page - Infineon Technologies AG BFP460 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2010-05-17
BFP460
1
1
2
3
4
NPN Silicon RF Transistor
• General purpose low noise amplifier
for low voltage, low current applications
• High ESD robustness, typical 1500V (HBM)
• Low minimum noise figure 1.1 dB at 1.8 GHz
• High linearity: output compression point
OP1dB = 13 dBm @ 3V, 35mA, 1.8GHz
• Easy to use standard package with visible leads
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
ESD
(Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFP460
ABs
1 = E 2 = C 3 = E 4=B
-
-
SOT343
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
TA > 0 °C
TA ≤ 0 °C
VCEO
4.5
4.2
V
Collector-emitter voltage
VCES
15
Collector-base voltage
VCBO
15
Emitter-base voltage
VEBO
1.5
Collector current
IC
70
mA
Base current
IB
7
Total power dissipation1)
TS ≤ 92°C
Ptot
230
mW
Junction temperature
TJ
150
°C
Ambient temperature
TA
-65 ... 150
Storage temperature
TStg
-65 ... 150
1TS is measured on the collector lead at the soldering point to the pcb


Similar Part No. - BFP460

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
BFP460 INFINEON-BFP460 Datasheet
623Kb / 11P
NPN Silicon RF Transistor
2010-05-17
BFP460H6327 INFINEON-BFP460H6327 Datasheet
623Kb / 11P
NPN Silicon RF Transistor
2010-05-17
BFP460 INFINEON-BFP460_13 Datasheet
656Kb / 10P
Low Noise Silicon Bipolar RF Transistor
2013-09-13
More results

Similar Description - BFP460

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com