Electronic Components Datasheet Search
  English  ▼

X  

BFP460 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BFP460
Description  NPN Silicon RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP460 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BFP460 Datasheet HTML 3Page - Infineon Technologies AG BFP460 Datasheet HTML 4Page - Infineon Technologies AG BFP460 Datasheet HTML 5Page - Infineon Technologies AG BFP460 Datasheet HTML 6Page - Infineon Technologies AG BFP460 Datasheet HTML 7Page - Infineon Technologies AG BFP460 Datasheet HTML 8Page - Infineon Technologies AG BFP460 Datasheet HTML 9Page - Infineon Technologies AG BFP460 Datasheet HTML 10Page - Infineon Technologies AG BFP460 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
2010-05-17
BFP460
10
Datasheet Revision History: 17 May 2010
This datasheet replaces the revision from 14 August 2008.
The product itself has not been changed and the device characteristics remain unchanged.
Only the product description and information available in the datasheet has been expanded
and updated.
Previous Revision: 14 August 2008
Page
Subject (changes since last revision)
1
Maximum ratings for collector current ICmax, base current IBmax and total
power dissipation Ptot increased
2
Typical values for leakage currents included, maximum leakage current values
reduced
3
Noise description at 100 MHz added
4
Gain and linearity description at 100 MHz added
5 - 7
Curves for IP3 and noise at 100 MHz added



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com