Electronic Components Datasheet Search
  English  ▼

X  

SPR2KUF Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPR2KUF
Description  REVERSE TRANSIENT RATED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPR2KUF Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPR2KUF Datasheet HTML 1Page - Solid States Devices, Inc SPR2KUF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0009D
DOC
CHARACTERISTICS
SYMBOL
MAX
UNIT
Instantaneous Forward Voltage Drop
(TA = 25°C, 300 μs Pulse)
IF = 0.75A
IF = 2A
VF
2.1
3.1
Vdc
Reverse Leakage Current
(VR = rated, 300-500 μs Pulse Minimum , TA = 25°C)
IR1
5
μA
Maximum Reverse Leakage Current
(VR = 80% rated, 300 μs Pulse Minimum , TA = 125°C)
IR2
120
μA
Junction Capacitance
(TA = 25°C , f = 1MHz, VR = 10V)
CJ
22
pf
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C)
trr
50
nsec
Reverse Energy Test
(Half sine wave, tp = 600ns @ 50% of IP)
IPK
1
(Minimum)
A
AXIAL
D
D
B
ØC
ØA
SMS
B
D
C
A
A
DIM
MIN
NOM
MAX
MIN
MAX
A
---
---
.140”
.140”
.150”
B
---
---
.180”
.190”
.230”
C
---
.030”
---
.019”
.028”
D
.97”
---
---
.001”
---
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPR2KUF thru SPR2NUF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com