Electronic Components Datasheet Search
  English  ▼

X  

SPR2KUF Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPR2KUF
Description  REVERSE TRANSIENT RATED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPR2KUF Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPR2KUF Datasheet HTML 1Page - Solid States Devices, Inc SPR2KUF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0009D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPR2___
__
__
__
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial
SMS = Surface Mount Square Tab
Reverse Recovery
UF = Ultra Fast Recovery
Device Type ( VRWM )
K = 800V
M = 1000V
N = 1200V
SPR2KUF thru SPR2NUF
REVERSE TRANSIENT RATED
OPTIMIZED FOR USE IN T.W.T. APPLICATIONS
2 Amp
ULTRA FAST RECTIFIER
800-1200 Volts
50 nsec
FEATURES:
•
Ultra Fast Reverse Recovery Time: 50 nsec Max
•
PIV to 1200 Volts
•
Reverse Transient Rated: 1 Amp (Typ 1200Wpk
•
Hermetically Sealed
•
For High Efficiency Applications
•
Available in Axial and Surface Mount Versions
•
Metallurgically Bonded
•
Solid Silver Leads for High Thermal
Conductivity
•
TX, TXV, and S-Level Screening Available
2/
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
DC Blocking Voltage
SPR2K
SPR2M
SPR2N
VRRM
VRWM
VR
800
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TC = 25°C)
IO
2
Amps
Peak Surge Current
(8.3ms pulse, half sine wave superimposed on Io, allow junction to reach
equilibrium between pulses, TA = 25°C)
IFSM
25
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°C
Maximum Thermal Resistance
Junction to Leads, L=3/8”(Axial)
Junction to End Tab (SMS)
RθJL
RθJE
38
7.0
°C/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Axial Leaded
SMS


Similar Part No. - SPR2KUF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPR2K SSDI-SPR2K Datasheet
112Kb / 2P
REVERSE TRANSIENT RATED
SPR2KF SSDI-SPR2KF Datasheet
112Kb / 2P
REVERSE TRANSIENT RATED
More results

Similar Description - SPR2KUF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPR2KF SSDI-SPR2KF Datasheet
112Kb / 2P
REVERSE TRANSIENT RATED
RC0134A SSDI-RC0134A Datasheet
112Kb / 2P
REVERSE TRANSIENT RATED
logo
Shanghai Leiditech Elec...
ESDA09 LEIDITECH-ESDA09 Datasheet
765Kb / 5P
Rated peak single pulse transient current Capacitance
ESDA12 LEIDITECH-ESDA12 Datasheet
351Kb / 5P
Rated peak single pulse transient current Capacitance
ESDA24 LEIDITECH-ESDA24 Datasheet
583Kb / 5P
Rated peak single pulse transient current
MVR0402-5R5E0R2 LEIDITECH-MVR0402-5R5E0R2 Datasheet
739Kb / 5P
Rated peak single pulse transient current Capacitance
PESD0521L010 LEIDITECH-PESD0521L010 Datasheet
919Kb / 5P
Rated peak single pulse transient current
PESD0563L003 LEIDITECH-PESD0563L003 Datasheet
512Kb / 5P
Rated peak single pulse transient current Capacitance
PESD0742L016 LEIDITECH-PESD0742L016 Datasheet
971Kb / 5P
Rated peak single pulse transient current Capacitance
0603ESDA-24 LEIDITECH-0603ESDA-24 Datasheet
193Kb / 5P
Rated peak single pulse transient current Capacitance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com