Electronic Components Datasheet Search
  English  ▼

X  

SPX2090 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPX2090
Description  HIGH VOLTAGE RECTIFIER BRIDGE STACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPX2090 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPX2090 Datasheet HTML 1Page - Solid States Devices, Inc SPX2090 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.185
E21
E20
E19
E18
E17
E16
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
#4-40 UNC-2B
.170 MIN LNG
4 Places
(Back Side)
.840
.900
2.130
10x .18 (=1.800)
.165
.150
2.200
.160
MAX
.625
2.500
1.200
PACKAGE OUTLINE: ASPM
SPX2090
Tolerances
(Unless specified):
.XX
.XXX
+.03
+.010
ELECTRICAL CHARACTERISTICS, Each Bridge Leg, @ TA =25
oC (Unless Otherwise Specified)
Instantaneous Forward Voltage Drop
(IF = 1.0A, 300µsec Pulse minimum )
PARAMETER
SYMBOL
MIN
MAX
UNIT
Reverse Leakage
(VR = 2500V, 300µsec Pulse minimum )
IR1
IR2
TA = 25
oC
TA = 100
oC
1.0
50
µAmps
-
-
Insulation Resistance (All terminals to Base @15,000V)
RINSUL1
10
-
G
Ω
VF1
7.5
Volts
-
Reverse Recovery Time
(IF = 0.5A, IR = 1.0A, IRR = 0.25A)
tRR
-
60
nsec
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com