Electronic Components Datasheet Search
  English  ▼

X  

SPX2090 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPX2090
Description  HIGH VOLTAGE RECTIFIER BRIDGE STACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPX2090 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPX2090 Datasheet HTML 1Page - Solid States Devices, Inc SPX2090 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPX2090
FEATURES:
DATA SHEET #:
PM0015B
1 AMP/15,000 VOLTS
HIGH VOLTAGE
RECTIFIER BRIDGE STACK
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
ASPM
• Aerospace High Voltage Power Supply Applications.
• High Blocking Voltage - 15kV minimum.
• Low Mechanical Stress Design.
• Excellent Thermal Management - 2.5oC/W.
• TX, TXV, and Space Level Screening Available.
• Consult Factory for:
• Higher Blocking Voltages;
• Faster Switching Speeds;
• Other Electrical Configurations;
•
Available with a sandblasted case to promote adhesion,
add "SAB" suffix.
MAXIMUM RATINGS
Peak Repetitive Reverse and DC Blocking Voltage
(each bridge)
Volts
CHARACTERISTIC
SYMBOL
VALUE
UNIT
ELECTRICAL SCHEMATIC
VR
3,300
Peak Surge Current
(Non-repetitive, t = 8.3 ms Pulse, TA = 25
oC)
Amps
25
IFSM
Storage Temperature Range
-65 TO +150
TSTG
Operating Temperature Range
oC
TOP
Thermal Resistance, Junction to Base
oC/W
θJB
oC
-65 TO +150
Average Rectified Forward Current
(Non-repetitive, t = 8.3 ms Pulse)
Amps
IO
1
2.5
E21
E20
E19
E17
E18
E16
E15
E14
E13
E12
E11
E10
E9
E8
E7
E6
E5
E4
E3
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com


Similar Part No. - SPX2090

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPX2091 SSDI-SPX2091 Datasheet
45Kb / 2P
1 AMP 9,300 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2094 SSDI-SPX2094 Datasheet
144Kb / 2P
HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2094 SSDI-SPX2094 Datasheet
140Kb / 2P
HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2094 SSDI-SPX2094_1 Datasheet
140Kb / 2P
HIGH VOLTAGE RECTIFIER BRIDGE STACK
More results

Similar Description - SPX2090

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA498-01 SSDI-SPA498-01 Datasheet
141Kb / 2P
HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPA498-02 SSDI-SPA498-02 Datasheet
115Kb / 2P
HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2094 SSDI-SPX2094 Datasheet
144Kb / 2P
HIGH VOLTAGE RECTIFIER BRIDGE STACK
SPX2094 SSDI-SPX2094_1 Datasheet
140Kb / 2P
HIGH VOLTAGE RECTIFIER BRIDGE STACK
PM0015C SSDI-PM0015C Datasheet
56Kb / 2P
RECTIFIER BRIDGE STACK
PM0016B SSDI-PM0016B Datasheet
141Kb / 2P
RECTIFIER BRIDGE STACK
PM0023E SSDI-PM0023E Datasheet
57Kb / 2P
RECTIFIER BRIDGE STACK
PM0023E SSDI-PM0023E_15 Datasheet
57Kb / 2P
RECTIFIER BRIDGE STACK
PM0031C SSDI-PM0031C_15 Datasheet
136Kb / 2P
RECTIFIER BRIDGE STACK
logo
Toshiba Semiconductor
25J4B41 TOSHIBA-25J4B41 Datasheet
193Kb / 1P
RECTIFIER STACK (BRIDGE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com