Electronic Components Datasheet Search
  English  ▼

X  

LT3575 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3575
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3575 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3575 Datasheet HTML 4Page - Linear Technology LT3575 Datasheet HTML 5Page - Linear Technology LT3575 Datasheet HTML 6Page - Linear Technology LT3575 Datasheet HTML 7Page - Linear Technology LT3575 Datasheet HTML 8Page - Linear Technology LT3575 Datasheet HTML 9Page - Linear Technology LT3575 Datasheet HTML 10Page - Linear Technology LT3575 Datasheet HTML 11Page - Linear Technology LT3575 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT3511
8
3511fa
applicaTions inForMaTion
PSUEDO DC THEORY
In the Block Diagram, RREF (R4) and RFB (R3) are external
resistors used to program the output voltage. The LT3511
operates similar to traditional current mode switchers,
except in the use of a unique error amplifier, which derives
its feedback information from the flyback pulse.
Operation is as follows: when the output switch, Q1, turns
off, its collector voltage rises above the VIN rail. The am-
plitude of this flyback pulse, i.e., the difference between
it and VIN, is given as:
VFLBK = (VOUT + VF + ISEC • ESR) • NPS
VF = D1 forward voltage
ISEC = Transformer secondary current
ESR = Total impedance of secondary circuit
NPS = Transformer effective primary-to-secondary turns
ratio
RFBandQ2converttheflybackvoltageintoacurrent.Nearly
all of this current flows through RREF to form a ground-
referred voltage. The resulting voltage forms the input
to the flyback error amplifier. The flyback error amplifier
samples the voltage information when the secondary side
winding current is zero. The bandgap voltage, 1.20V, acts
as the reference for the flyback error amplifier.
The relatively high gain in the overall loop will then cause
the voltage at RREF to be nearly equal to the bandgap
reference voltage VBG. The resulting relationship between
VFLBK and VBG approximately equals:
VFLBK
RFB
⎛
⎝
⎜
⎞
⎠
⎟ =
VBG
RREF
or VFLBK = VBG
RFB
RREF
⎛
⎝
⎜
⎞
⎠
⎟
VBG = Internal bandgap reference
Combination of the preceding expression with earlier
derivation of VFLBK results in the following equation:
VOUT = VBG
RFB
RREF
⎛
⎝
⎜
⎞
⎠
⎟
1
NPS
⎛
⎝
⎜
⎞
⎠
⎟ – VF – ISEC ESR
(
)
The expression defines VOUT in terms of the internal ref-
erence, programming resistors, transformer turns ratio
and diode forward voltage drop. Additionally, it includes
the effect of nonzero secondary output impedance (ESR).
Boundary control mode minimizes the effect of this im-
pedance term.
Temperature Compensation
The first term in the VOUT equation does not have tem-
perature dependence, but the diode forward drop has a
significant negative temperature coefficient. A positive
temperature coefficient current source connects to the
RREF pin to compensate. A resistor to ground from the
TC pin sets the compensation current.
The following equation explains the cancellation of the
temperature coefficient:
δVF
δT
= –
RFB
RTC
• 1
NPS
• δ
VTC
δT
or,
RTC =
–RFB
NPS
•
1
δVF / δT
• δ
VTC
δT
≈
RFB
NPS
(δVF/δT)=Diode’sforwardvoltagetemperaturecoefficient
(δVTC/δT) = 2mV
VTC = 0.55V
ExperimentallyverifytheresultingvalueofRTCandadjustas
necessary to achieve optimal regulation over temperature.
The addition of a temperature coefficient current modifies
the expression of output voltage as follows:
VOUT = VBG
RFB
RREF
⎛
⎝
⎜
⎞
⎠
⎟
1
NPS
⎛
⎝
⎜
⎞
⎠
⎟ – VF
–
VTC
RTC
⎛
⎝
⎜
⎞
⎠
⎟ •
RFB
NPS
– ISEC ESR
(
)
Output Power
A flyback converter has a complicated relationship be-
tween the input and output current compared to a buck
or a boost. A boost has a relatively constant maximum
input current regardless of input voltage and a buck has a
relatively constant maximum output current regardless of
input voltage. This is due to the continuous nonswitching
behavior of the two currents. A flyback converter has both
discontinuous input and output currents which makes it



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com