Electronic Components Datasheet Search
  English  ▼

X  

LT3575 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3575
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3575 Datasheet(HTML) 5 Page - Linear Technology

  LT3575 Datasheet HTML 1Page - Linear Technology LT3575 Datasheet HTML 2Page - Linear Technology LT3575 Datasheet HTML 3Page - Linear Technology LT3575 Datasheet HTML 4Page - Linear Technology LT3575 Datasheet HTML 5Page - Linear Technology LT3575 Datasheet HTML 6Page - Linear Technology LT3575 Datasheet HTML 7Page - Linear Technology LT3575 Datasheet HTML 8Page - Linear Technology LT3575 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT3511
5
3511fa
pin FuncTions
EN/UVLO (Pin 1): Enable/Undervoltage Lockout. The EN/
UVLO pin is used to start up the LT3511. Pull the pin to 0V
to shut down the LT3511. This pin has an accurate 1.21V
threshold and can be used to program an undervoltage
lockout (UVLO) threshold using a resistor divider from
supply to ground. A 2.6μA pin current hysteresis allows
the programming of undervoltage lockout (UVLO) hys-
teresis. EN/UVLO can be directly connected to VIN. If left
open circuit the part will not power up.
VIN (Pin 3): Input Supply Pin. This pin supplies current to
the internal start-up circuitry, and serves as a reference
voltage for the DCM comparator and feedback circuitry.
Must be locally bypassed with a capacitor.
GND (Pin 5, 8, 9): Ground Pins. All three pins should be
tied directly to the local ground plane.
BIAS (Pin 6): Bias Voltage. This pin supplies current to
the switch driver and internal circuitry of the LT3511.
This pin may also be connected to VIN if a third winding
is not used and if VIN < 20V. The part can operate down
to 4.5V when BIAS and VIN are connected together. If a
third winding is used, the BIAS voltage should be lower
than the input voltage and greater than 3.3V for proper
operation. BIAS must be bypassed with a 4.7μF capacitor
placed close to the pin.
VC(Pin10):CompensationPinforInternalErrorAmplifier.
ConnectaseriesRCfromthispintogroundtocompensate
theswitchingregulator.Anadditional100pFcapacitorfrom
this pin to ground helps eliminate noise.
TC (Pin 11): Output Voltage Temperature Compensa-
tion. Connect a resistor to ground to produce a current
proportional to absolute temperature to be sourced into
the RREF node.
ITC = 0.55V/RTC.
RREF (Pin 12): Input Pin for External Ground-Referred
Reference Resistor. The resistor at this pin should be 10k.
For nonisolated applications, a traditional resistor voltage
divider from VOUT may be connected to this pin.
RFB (Pin 14): Input Pin for External Feedback Resistor.
This pin is connected to the transformer primary (VSW).
The ratio of this resistor to the RREF resistor, times the
internal bandgap reference, determines the output voltage
(plus the effect of any non-unity transformer turns ratio).
For nonisolated applications, this pin should be connected
to GND with a 1M resistor.
SW (Pin 16): Switch Pin. Collector of the internal power
switch. Minimize trace area at this pin to minimize EMI
and voltage spikes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com