Electronic Components Datasheet Search
  English  ▼

X  

LT3694 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3694
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3694 Datasheet(HTML) 2 Page - Linear Technology

  LT3694 Datasheet HTML 1Page - Linear Technology LT3694 Datasheet HTML 2Page - Linear Technology LT3694 Datasheet HTML 3Page - Linear Technology LT3694 Datasheet HTML 4Page - Linear Technology LT3694 Datasheet HTML 5Page - Linear Technology LT3694 Datasheet HTML 6Page - Linear Technology LT3694 Datasheet HTML 7Page - Linear Technology LT3694 Datasheet HTML 8Page - Linear Technology LT3694 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3645
2
3645f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO (Note 5).......................…….–0.3V to 55V
BOOST Voltage……………………………………….55V
BOOST Above SW Voltage ............................... …….25V
VCC2 Voltage .............................................. –0.3V to 16V
VOUT2 Voltage .............................................. –0.3V to 8V
FB, FB2 Voltages .......................................... –0.3V to 6V
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
NC
NC
NPG
EN2
NC
VIN
BOOST
SW
17
GND
θJA = 58.7°C/W, θJC = 7.1°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
EN/UVLO
FB
GND
DA
BOOST
SW
12
11
10
9
8
7
NPG
EN2
FB2
OUT2
VCC2
VIN
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
13
GND
θJA = 40°C/W, θJC = 5°C/W TO 10°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3645EUD#PBF
LT3645EUD#TRPBF
LFVS
16-Lead Plastic QFN
–40°C to 125°C
LT3645IUD#PBF
LT3645IUD#TRPBF
LFVS
16-Lead Plastic QFN
–40°C to 125°C
LT3645EMSE#PBF
LT3645EMSE#TRPBF
3645
12-Lead Plastic MSOP
–40°C to 125°C
LT3645IMSE#PBF
LT3645IMSE#TRPBF
3645
12-Lead Plastic MSOP
–40°C to 125°C
LT3645HMSE#PBF
LT3645HMSE#TRPBF
3645
12-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
EN2, NPG Voltages .................................... –0.3V to 16V
Operating Junction Temperature Range (Note 2)
LT3645E ............................................ –40°C to 125°C
LT3645I ............................................. –40°C to 125°C
LT3645H............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)…… ........... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com