Electronic Components Datasheet Search
  English  ▼

X  

LT3694 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3694
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3694 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3694 Datasheet HTML 16Page - Linear Technology LT3694 Datasheet HTML 17Page - Linear Technology LT3694 Datasheet HTML 18Page - Linear Technology LT3694 Datasheet HTML 19Page - Linear Technology LT3694 Datasheet HTML 20Page - Linear Technology LT3694 Datasheet HTML 21Page - Linear Technology LT3694 Datasheet HTML 22Page - Linear Technology LT3694 Datasheet HTML 23Page - Linear Technology LT3694 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3645
21
3645f
TYPICAL APPLICATIONS
1μF
3645 TA06
PGOOD
12V
GND
SW
DA
FB
FB2
EN2
VCC2
VIN
EN/UVLO
NPG
OUT2
10μF
3.3V
450mA
5.5V
5V
50mA
6.8μH
MBRM140
31.6k
52.3k
10k
10k
BOOST
LT3645
2.2μF
0.1μF
0.1μF
ON OFF
3.3V Step-Down Converter with 5V Logic Rail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com