Electronic Components Datasheet Search
  English  ▼

X  

LTC1760 Datasheet(PDF) 39 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTC1760 Datasheet HTML 35Page - Linear Technology LTC1760 Datasheet HTML 36Page - Linear Technology LTC1760 Datasheet HTML 37Page - Linear Technology LTC1760 Datasheet HTML 38Page - Linear Technology LTC1760 Datasheet HTML 39Page - Linear Technology LTC1760 Datasheet HTML 40Page - Linear Technology LTC1760 Datasheet HTML 41Page - Linear Technology LTC1760 Datasheet HTML 42Page - Linear Technology LTC1760 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
LTC1760
39
1760fa
For thermistors that are IDEAL-RANGE:
ISAFETYX = 4/64 • VVCC2/(RXB + RTHX) + 2/64 • VVCC2/
(R1A +RTHX)
For thermistors that are HOT-RANGE:
ISAFETYX = 4/64 • VVCC2/(RXB + RTHX) + 4/64 • VVCC2/
(R1A +RTHX)
RTHX is the impedance of the battery’s thermistor to
ground.
RXB = 54.9k
RXA = 1.13k
Sample calculation of ISAFETYX with VVCC2 = 5.2V
Thermistor Impedance
RTHX (W)
Thermistor Range
ISAFETYX (μA)
400
OVER_RANGE
1.05
3.3k
IDEAL_RANGE
42.2
400
UNDER_RANGE
218
IVLIMIT = VVCC2/(RVLIMIT + RLIM_PU).
IILIMIT = VVCC2/(RILIMIT + RLIM_PU).
RLIM_PU is the typical pull-up impedance at VLIMIT
and ILIMIT.
RLIM_PU = 34k.
RVLIMIT is the value of the resistance from VLIMIT to
GND.
RILIMIT is the value of the resistance from ILIMIT to
GND.
ISMB is the current used for communicating with the
SMBus Host and depends on the amount of bus traffic.
ISMB_BATX is the current used for communicating
with Battery1 or Battery2.
ISMB_BATX = 350μA • 0.0155 = 5.425μA.
ISMBALERT is defined in “Electrical Characteristics.”
Sample calculation of IDCIN_CHG with two Li-Ion batteries
(RTHX = 400), RVLIMIT = RILIMIT = 30k, VCC2 = 5.2V, and
no SMBus Host communication:
APPLICATIONS INFORMATION
IDCIN_CHG = ICH1 + IVCC2_AC1 + ISAFETY1 + ISAFETY2 +
IVLIM + IILIM + ISMB + ISMB_BAT1 + ISMB_BAT2 +
ISMBALERT
= 1.3mA + 700μA + 218μA + 218μA +81μA + 81μA
+ 0μA + 5.4μA + 5.4μA + 0μA = 2.62mA
The total operating current through BAT1 and BAT2 when
AC is not present (IBAT_NOAC) is given by:
IBAT_NOAC = IBAT + IVCC2_AC0 + ISAFETY1 + ISAFETY2 +
ISMB + ISMB_BAT1_AC0 + ISMB_BAT2_AC0 + ISMBALERT
where:
IBAT is defined in “Electrical Characteristics.”
IVCC2_AC0 is defined in “Electrical Characteristics.”
ISAFETYX is the current used to test the battery
thermistor connected to SAFETY1 or SAFETY2.
ISAFETYX = 2/64 • VVCC2/(RXB + RTHX).
RTHX is the impedance of the battery’s thermistor to
ground.
RXB = 54.9k.
Sample calculation of ISAFETY with VVCC2 = 5.2V
Thermistor Impedance
RTHX (Ω)
Thermistor Range
ISAFETYX (μA)
400
UNDER_RANGE
2.9
ISMB_BATX_ACO is the current used for communicat-
ing with Battery1 or Battery2 when AC in not present.
ISMB_BATX_AC0 = 350μA • 0.00687 = 2.404μA.
ISMB is the current used for communicating with the
SMBus Host and depends on the amount of bus
traffic.
Sample calculation with two Li-Ion batteries (RTHX =
400), VCC2 = 5.2V, and no SMBus Host communication:
IBAT_NOAC – IBAT + IVCC2_AC0 + ISAFETY1 + ISAFETY2 +
ISMB + ISMB_BAT1_AC0 + ISMB_BAT2_AC0 + ISMBALERT
= 175μA + 80μA + 2.9μA + 2.9μA + 0μA + 2.4μA +
2.4μA + 0μA = 265μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com