Electronic Components Datasheet Search
  English  ▼

X  

LTC1760 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1760
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1760 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1760 Datasheet HTML 2Page - Linear Technology LTC1760 Datasheet HTML 3Page - Linear Technology LTC1760 Datasheet HTML 4Page - Linear Technology LTC1760 Datasheet HTML 5Page - Linear Technology LTC1760 Datasheet HTML 6Page - Linear Technology LTC1760 Datasheet HTML 7Page - Linear Technology LTC1760 Datasheet HTML 8Page - Linear Technology LTC1760 Datasheet HTML 9Page - Linear Technology LTC1760 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LTC1760
6
1760fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Thermistor
Thermistor Trip
COLD-RANGE to OVER-RANGE
CLOAD(MAX) = 300pF (Note 9)
R1A = R2A = 1130Ω ±1%
R1B = R2B = 54900Ω ±1%
l
95
100
105
kΩ
Thermistor Trip
IDEAL-RANGE to COLD-RANGE
CLOAD(MAX) = 300pF (Note 9)
R1A = R2A = 1130Ω ±1%
R1B = R2B = 54900Ω ±1%
l
28.5
30
32.5
kΩ
Thermistor Trip
HOT-RANGE to IDEAL-RANGE
CLOAD(MAX) = 300pF (Note 9)
R1A = R2A = 1130Ω ±1%
R1B = R2B = 54900Ω ±1%
C-Grade (Note 6)
I-Grade (Note 6)
l
l
2.85
2.83
3
3
3.15
3.15
kΩ
kΩ
Thermistor Trip
UNDER-RANGE to HOT-RANGE
CLOAD(MAX) = 300pF (Note 9)
R1A = R2A = 1130Ω ±1%
R1B = R2B = 54900Ω ±1%
l
425
500
575
Ω
Logic Levels
SCL/SCL1/SCL2/SDA/SDA1/
SDA2 Input Low Voltage (VIL)
l
0.8
v
SCL/SCL1/SCL2/SDA/SDA1/
SDA2 Input High Voltage (VIH)
l
2.1
v
SCL/SCL1/SCL2/SDA/SDA1/
SDA2 Input Leakage Current
VSDA, VSCL, VSDA1, VSCL1,
VSDA2, VSCL2 = 0.8V
l
–5
5
μA
SCL/SCL1/SCL2/SDA/SDA1/
SDA2 Input Leakage Current
VSDA, VSCL, VSDA1, VSCL1, VSDA2,
VSCL2 = 2.1V
l
–5
5
μA
IPULLUP
SCL1/SDA1/SCL2/SDA2 Pull-Up
Current When Not Connected to
SMBus Host
VSCL1, VSDA1, VSCL2, VSDA2 = 0.4V
VVCC2 = 4.85V and 5.55V (Current is Through
Internal Series Resistor and Schottky to VCC2)
165
220
350
μA
SCL1/SDA1/SCL2/SDA2
Series Impedance to Host SMBus
VSDA1, VSCL1, VSDA2, VSCL2 = 0.8V
l
300
Ω
SCL/SDA Output Low Voltage (VOL).
LTC1760 Driving the Pin
IPULLUP = 350μA
l
0.4
V
SCL1/SDA1/SCL2/SDA2 Pullup
Output Low Voltage (VOL).
LTC1760 Driving the Pin with Battery
SMBus not Connected to Host SMBus
IPULLUP Internal to LTC1760
l
0.4
V
SCL1/SDA1/SCL2/SDA2
Output Low Voltage (VOL).
LTC1760 Driving the Pin with Battery
SMBus Connected to Host SMBus
IPULLUP = 350μA on Host Side
l
0.4
V
SCL/SCL1/SCL2/SDA/SDA1/ SDA2/
SMBALERT Power Down Leakage
VVCC2 = 0V, VVDDS = 0V,
VSCL, VSCL1, VSCL2, VSDA,
VSDA1, VSDA2, VSMBALERT = 5.5V
l
2μA
SMBALERT Output Low Voltage (VOL)IPULLUP = 500μA
l
0.4
V
SMBALERT Output Pull-Up Current
VSMBALERT = 0.4V
3.5
10
17.5
μA
VIL_VDDS
VIH_VDDS
VDDS Input Low Voltage (VIL)
VDDS Input High Voltage (VIH)
VDDS Operating Voltage
VDDS Operating Current
VSCL, VSDA = VVDDS , VVDDS = 5V
l
l
l
2.6
3
1.5
5.5
18
V
V
V
μA
VIL_MODE MODE Input Low Voltage (VIL)VVCC2 = 4.85V
l
VVCC2 • 0.3
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 6). VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V, VVDDS = 3.3V,
VVCC2 = 5.2V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com