Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4449
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 3Page - Linear Technology LTC4449 Datasheet HTML 4Page - Linear Technology LTC4449 Datasheet HTML 5Page - Linear Technology LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC1154
7
1154fb
TRUTH TABLE
OPERATION
The Truth Table demonstrates how the LTC1154 receives
inputs and returns status information to the μP. The
ENABLE and input signal from the μP controls the switch
in its normal operating mode, where the rise and fall
time of the gate drive are controlled to limit EMI and RFI
emissions. The shutdown and overcurrent detection cir-
cuitry however, switch the gate off at a much higher rate
to limit the exposure of the MOSFET switch and the load
to dangerous conditions. The status pin remains high as
long as the switch is operating normally, and is driven
low only when a fault condition is detected. Note that the
shutdown pin is edge-sensitive and latches the output off
even if the shutdown pin returns to a low state.
IN
X
L
H
H
H
EN
H
X
L
L
L
SD
X
X
L
L
GATE
L
L
H
L
L
STATUS
H
H
H
L
L
SWITCH OFF
SWITCH OFF
SWITCH ON
SWITCH LATCHED OFF
(OVER CURRENT)
SWITCH LATCHED OFF
(SHUTDOWN)
INPUTS
OUTPUTS
SWITCH
CONDITION
L = LOGIC LOW
H = LOGIC HIGH
X = IRRELEVANT
= EDGE TRIGGERED
The LTC1154 is a single micropower MOSFET driver
with built-in protection, status feedback and gate charge
pump. The LTC1154 consists of the following functional
blocks:
TTL and CMOS Compatible Inputs
The LTC1154 input and shutdown input have been designed
to accommodate a wide range of logic families. Both in-
put thresholds are set at about 1.3V with approximately
100mV of hysteresis.
A low standby current voltage regulator provides continu-
ous bias for the TTL-to-CMOS converter. The TTL-to-CMOS
converter output enables the rest of the circuitry. In this
way the power consumption is kept to a minimum in the
standby mode.
ENABLE Input
The ENABLE input is CMOS compatible and inhibits the
input signal whenever it is held logic high. This input
should be grounded when not in use.
Internal Voltage Regulation
The output of the TTL-to-CMOS converter drives two
regulated supplies which power the low voltage CMOS
logic and analog blocks. The regulator outputs are isolated
from each other so that the noise generated by the charge
pump logic is not coupled into the 100mV reference or
the analog comparator.
Gate Charge Pump
Gate drive for the MOSFET switch is produced by an adap-
tive charge pump circuit which generates a gate voltage
substantially higher than the power supply voltage. The
charge pump capacitors are included on chip and there-
fore no external components are required to generate the
gate drive.
Drain Current Sense
The LTC1154 is configured to sense the current flowing
into the drain of the power MOSFET in a high side ap-
plication. An internal 100mV reference is compared to
the drop across a sense resistor (typically 0.002Ω to
0.10Ω) in series with the drain lead. If the drop across
this resistor exceeds the internal 100mV threshold, the
input latch is reset and the gate is quickly discharged via
a large N-channel transistor.
Controlled Gate Rise and Fall Times
When the input is switched ON and OFF, the gate is charged
by the internal charge pump and discharged in a controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com