Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4449
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 4Page - Linear Technology LTC4449 Datasheet HTML 5Page - Linear Technology LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology LTC4449 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC1154
8
1154fb
APPLICATIONS INFORMATION
Figure 1. Protecting Resistive Loads
manner. The charge and discharge rates have been set to
minimize RFI and EMI emissions in normal operation. If
a short-circuit or current overload condition is encoun-
tered, the gate is discharged very quickly (typically a few
microseconds) by a large N-channel transistor.
OPERATION
Status Output Driver
The status circuitry continuously monitors the fault de-
tection logic. This open-drain output is driven low when
the gate of the MOSFET is driven low by the protection
circuitry. The status circuitry is reset along with the input
latch when the input, or ENABLE input, is cycled.
MOSFET and Load Protection
The LTC1154 protects the power MOSFET switch by remov-
ing drive from the gate as soon as an overcurrent condition
is detected. Resistive and inductive loads can be protected
with no external time delay in series with the drain sense
pin. Lamp loads, however, require that the overcurrent
protection be delayed long enough to start the lamp but
short enough to ensure the safety of the MOSFET.
Resistive Loads
Loads that are primarily resistive should be protected with
as short a delay as possible to minimize the amount of time
that the MOSFET is subjected to an overload condition. The
drain sense circuitry has a built-in delay of approximately
10μs to eliminate false triggering by power supply or load
transient conditions. This delay is sufficient to “mask”
short load current transients and the starting of a small
capacitor (<1μF) in parallel with the load. The drain sense
pin can therefore be connected directly to the drain current
sense resistor as shown in Figure 1.
Inductive Loads
Loads that are primarily inductive, such as relays, solenoids
and stepper motor windings should be protected with as
short a delay as possible to minimize the amount of time
that the MOSFET is subjected to an overload condition.
The built-in 10μs delay will ensure that the overcurrent
protection is not false-triggered by a supply or load
transient. No external delay components are required as
shown in Figure 2.
Large inductive loads (>0.1mH) may require diodes con-
nected directly across the inductor to safely divert the
stored energy to ground. Many inductive loads have these
diodes included. If not, a diode of the proper current rating
should be connected across the load, as shown in Figure
2, to safely divert the stored energy.
Figure 2. Protecting Inductive Loads
+
100μF
IRFZ24
15V
RLOAD
12Ω
12V
CLOAD ≤ 1μF
0.036Ω
LTC1154 • F01
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
+
100μF
IRFZ24
15V
12V, 1A
SOLENOID
12V
1N5400
0.036Ω
LTC1154 • F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com