Electronic Components Datasheet Search
  English  ▼

X  

LTC4008 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4008
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 1 Page - Linear Technology

  LTC4008 Datasheet HTML 1Page - Linear Technology LTC4008 Datasheet HTML 2Page - Linear Technology LTC4008 Datasheet HTML 3Page - Linear Technology LTC4008 Datasheet HTML 4Page - Linear Technology LTC4008 Datasheet HTML 5Page - Linear Technology LTC4008 Datasheet HTML 6Page - Linear Technology LTC4008 Datasheet HTML 7Page - Linear Technology LTC4008 Datasheet HTML 8Page - Linear Technology LTC4008 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
LTC1760
1
1760fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual Smart Battery
System Manager
The LTC®1760 Smart Battery System Manager is a highly-
integrated SMBus Level 3 battery charger and selector
intended for products using dual smart batteries. Three
SMBus interfaces allow the LTC1760 to servo to the
internal voltage and currents measured by the batteries
while allowing an SMBus Host device to monitor either
battery’s status. Charging accuracy is determined by the
battery’s internal voltage and current measurements, typi-
cally better than ±0.2%.
A proprietary PowerPath architecture supports simultane-
ouschargingordischargingofbothbatteries.Typicalbattery
run times are extended by up to 10%, while charging times
are reduced by up to 50%. The LTC1760 automatically
switchesbetweenpowersourcesinlessthan10μstoprevent
power interruption upon battery or wall adapter removal.
The LTC1760 implements all elements of a version 1.1
“Smart Battery System Manager” except for the generation
of composite battery information. An internal multiplexer
cleanly switches the SMBus Host to either of the two
attached Smart Batteries without generating partial mes-
sages to batteries or SMBus Host. Thermistors on both
batteries are automatically monitored for temperature and
disconnection information (SafetySignal).
Dual vs Sequential Charging
APPLICATIONS
n SMBus Charger/Selector for Two Smart Batteries*
n Voltage and Current Accuracy within 0.2% of Value
Reported by Battery
n Simplifies Construction of “Smart Battery System
Manager”
n Includes All SMBus Charger V1.1 Safety Features
n Supports Autonomous Operation without a Host
n Allows Both Batteries to Discharge Simultaneously
into Single Load with Low Loss (Ideal Diode)
n SMBus Switching for Dual Batteries with Alarm
Monitoring for Charging Battery at All Times
n Pin Programmable Limits for Maximum Charge
Current and Voltage Improve Safety
n Fast Autonomous PowerPath™ Switching (<10μs)
n Low Loss Simultaneous Charging of Two Batteries
n >95% Efficient Synchronous Buck Charger
n AC Adapter Current Limiting* Maximizes Charge Rate
n SMBus Accelerator Improves SMBus Timing**
n Available in 48-Lead TSSOP Package
n Portable Computers and Instruments
n Standalone Dual Smart Battery Chargers
n Battery Backup Systems
LTC1760
DC
IN
SYSTEM
POWER
SMBus (HOST)
1760 TA01
SafetySignal 1
SMBus 1
SafetySignal 2
SMBus 2
TIME (MINUTES)
3500
3000
2500
2000
1500
1000
500
0
3500
3000
2500
2000
1500
1000
500
0
1760 TA03
0
50
100
150
200
250
300
BAT1
CURRENT
BAT2
CURRENT
SEQUENTIAL
DUAL
BAT1
CURRENT
100
MINUTES
BATTERY TYPE: 10.8V Li-Ion (MOLTECH NI2020)
REQUESTED CURRENT = 3A
REQUESTED VOLTAGE = 12.3V
MAX CHARGER CURRENT = 4.1A
BAT2
CURRENT
Dual Battery Charger/Selector System Architecture
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
PowerPath is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents including *5723970 **6650174.


Similar Part No. - LTC4008

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
4A, High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008 Datasheet
332Kb / 24P
Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4008 LINER-LTC4008 Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC4008EGN LINER-LTC4008EGN Datasheet
271Kb / 24P
4A, High Efficiency, Multi-Chemistry Battery Charger
LTC4008EGN-1 LINER-LTC4008EGN-1 Datasheet
271Kb / 24P
4A, High Efficiency, Multi-Chemistry Battery Charger
More results

Similar Description - LTC4008

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
Dual Smart Battery System Manager
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Linear Technology
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
Dual Smart Battery System Manager
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
Battery Backup System Manager
logo
KEC(Korea Electronics)
KMC7D0CN20C KEC-KMC7D0CN20C Datasheet
368Kb / 1P
TSSOP-8 PACKAGE
logo
Linear Technology
LT6301 LINER-LT6301_15 Datasheet
252Kb / 16P
Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
Dual Smart Battery System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
Battery Backup System Manager
LT6301 LINER-LT6301 Datasheet
225Kb / 16P
Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
Battery Manager
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com