Electronic Components Datasheet Search
  English  ▼

X  

LTC4008 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4008
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 4 Page - Linear Technology

  LTC4008 Datasheet HTML 1Page - Linear Technology LTC4008 Datasheet HTML 2Page - Linear Technology LTC4008 Datasheet HTML 3Page - Linear Technology LTC4008 Datasheet HTML 4Page - Linear Technology LTC4008 Datasheet HTML 5Page - Linear Technology LTC4008 Datasheet HTML 6Page - Linear Technology LTC4008 Datasheet HTML 7Page - Linear Technology LTC4008 Datasheet HTML 8Page - Linear Technology LTC4008 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
LTC1760
4
1760fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Trip Points
VTR
DCDIV/LOPWR Threshold
VDCDIV or VLOPWR Falling
C-Grade (Note 6)
I-Grade (Note 6)
l
l
1.166
1.162
1.19
1.19
1.215
1.215
V
V
VTHYS
DCDIV/LOPWR Hysteresis Voltage
VDCDIV or VLOPWR Rising
30
mV
IBVT
DCDIV/LOPWR Input Bias Current
VDCDIV or VLOPWR = 1.19V
20
200
nA
VTSC
Short-Circuit Comparator Threshold
VSCP – VSCN, VCC ≥ 5V
C-Grade (Note 6)
I-Grade (Note 6)
l
l
90
88
100
100
115
115
mV
mV
VFTO
Fast PowerPath Turn-Off Threshold
VDCDIV Rising from VCC
6
7
7.9
V
VOVSD
Overvoltage Shutdown Threshold as a
Percent of Programmed Charger Voltage
VSET Rising from 0.8V until TGATE and BGATE
Stop Switching
107
%
DACs
IRES
IDAC Resolution
Guaranteed Monotonic
10
Bits
tIP
tILOW
IDAC Pulse Period:
Normal Mode
Wake-Up Mode
610
50
15
μs
ms
Charging Current Granularity
RILIMIT = 0 (Short ILIMIT to GND)
RILIMIT = 10k ±1%
RILIMIT = 33k ±1%
RILIMIT = Open (or Short ILIMIT to VCC2 )
1
2
4
4
mA
mA
mA
mA
IWAKE_UP Wake-Up Charging Current (Note 5)
60
80
100
mA
ILIMIT
Charging Current Limit
C-Grade (Note 6)
RILIMIT = 0 (Short ILIMIT to GND)
RILIMIT = 10k ±1%
RILIMIT = 33k ±1%
RILIMIT = Open (or Short ILIMIT to VCC2 )
I-Grade (Note 6)
RILIMIT = 0 (Short ILIMIT to GND)
RILIMIT = 10k ±1%
RILIMIT = 33k ±1%
RILIMIT = Open (or Short ILIMIT to VCC2 )
l
l
l
l
l
l
l
l
980
1960
2490
3920
930
1870
2380
3750
1000
2000
3000
4000
1000
2000
3000
4000
1070
2140
3210
4280
1110
2220
3320
4430
mA
mA
mA
mA
mA
mA
mA
mA
VRES
VDAC Resolution
Guaranteed Monotonic (5V < VBAT < 25V)
11
Bits
VSTEP
VDAC Granularity
16
mV
VLIMIT
Charging Voltage Limit
(Note 7)
RVLIMIT = 0 (Short VLIMIT to GND)
RVLIMIT = 10k ±1%
RVLIMIT = 33k ±1%
RVLIMIT = 100k ±1%
RVLIMIT = Open (or Short VLIMIT to VCC2 )(Note 13)
l
l
l
l
l
8400
12608
16832
21024
8432
12640
16864
21056
32768
8464
12672
16896
21088
mV
mV
mV
mV
mV
Charge MUX Switches
tONC
GCH1/GCH2 Turn-On Time
VGCHX – VSCHX > 3V, CLOAD = 3000pF
5
10
ms
tOFFC
GCH1/GCH2 Turn-Off Time
VGCHX – VSCHX < 1V, from Time of
VCSN < VBATX – 30mV, CLOAD = 3000pF
15
μs
VCON
CH Gate Clamp Voltage
GCH1
GCH2
ILOAD = 1μA
VGCH1 – VSCH1
VGCH2 – VSCH2
5
5
5.8
5.8
7
7
V
V
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 6). VDCIN = 20V, VBAT1 = 12V, VBAT2 = 12V, VVDDS = 3.3V,
VVCC2 = 5.2V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com