Electronic Components Datasheet Search
  English  ▼

X  

LTC2181 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2181
Description  12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2181 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2181 Datasheet HTML 10Page - Linear Technology LTC2181 Datasheet HTML 11Page - Linear Technology LTC2181 Datasheet HTML 12Page - Linear Technology LTC2181 Datasheet HTML 13Page - Linear Technology LTC2181 Datasheet HTML 14Page - Linear Technology LTC2181 Datasheet HTML 15Page - Linear Technology LTC2181 Datasheet HTML 16Page - Linear Technology LTC2181 Datasheet HTML 17Page - Linear Technology LTC2181 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC2142-12/
LTC2141-12/LTC2140-12
14
21421012p
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2140-12: 64k Point FFT,
fIN = 70MHz, –1dBFS, 25Msps
LTC2140-12: 64k Point FFT,
fIN = 140MHz, –1dBFS, 25Msps
LTC2140-12: 64k Point FFT,
fIN = 30MHz, –1dBFS, 25Msps
LTC2141-12: IVDD vs Sample
Rate, 5MHz, –1dBFS Sine Wave
Input on Each Channel
SAMPLE RATE (Msps)
0
35
30
25
40
10
20
30
40
21421012 G28
LVDS OUTPUTS
CMOS OUTPUTS
LTC2141-12: IOVDD vs Sample
Rate, 5MHz, –1dBFS, Sine Wave
Input on Each Channel
LTC2141-12: SNR vs SENSE,
fIN = 5MHz, –1dBFS
LTC2140-12: Integral
Non-Linearity (INL)
LTC2140-12: Differential
Non-Linearity (DNL)
LTC2140-12: 64k Point FFT,
fIN = 5MHz, –1dBFS, 25Msps
SAMPLE RATE (Msps)
10
20
0
70
60
50
30
40
21421012 G29
0
10203040
1.8V CMOS
1.75mA LVDS
3.5mA LVDS
SENSE PIN (V)
0.6
67
66
68
69
72
71
70
0.7
0.8
0.9
1.1
1.2
1.3
1
21421012 G30
OUTPUT CODE
0
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
1.0
0.6
0.8
0.4
1024
2048
3072
4096
21421012 G31
–1.0
–0.4
–0.2
–0.6
–0.8
0
0.4
0.2
0.6
0.8
1.0
21421012 G32
OUTPUT CODE
0
1024
2048
3072
4096
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
510
21421012 G33
LTC2140-12: 64k Point FFT
FREQUENCY (MHz)
0
5
10
21421012 G33
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
510
21421012 G36
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
510
21421012 G35
FREQUENCY (MHz)
0
5
10
21421012 G35
FREQUENCY (MHz)
0
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
510
21421012 G34
FREQUENCY (MHz)
0
5
10
21421012 G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com