Electronic Components Datasheet Search
  English  ▼

X  

LTC2181 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2181
Description  12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2181 Datasheet(HTML) 3 Page - Linear Technology

  LTC2181 Datasheet HTML 1Page - Linear Technology LTC2181 Datasheet HTML 2Page - Linear Technology LTC2181 Datasheet HTML 3Page - Linear Technology LTC2181 Datasheet HTML 4Page - Linear Technology LTC2181 Datasheet HTML 5Page - Linear Technology LTC2181 Datasheet HTML 6Page - Linear Technology LTC2181 Datasheet HTML 7Page - Linear Technology LTC2181 Datasheet HTML 8Page - Linear Technology LTC2181 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3
21421012p
LTC2142-12/
LTC2141-12/LTC2140-12
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2142CUP-12#PBF
LTC2142CUP-12#TRPBF
LTC2142UP-12
64-Lead (9mm
× 9mm) Plastic QFN
0°C to 70°C
LTC2142IUP-12#PBF
LTC2142IUP-12#TRPBF
LTC2142UP-12
64-Lead (9mm
× 9mm) Plastic QFN
–40°C to 85°C
LTC2141CUP-12#PBF
LTC2141CUP-12#TRPBF
LTC2141UP-12
64-Lead (9mm
× 9mm) Plastic QFN
0°C to 70°C
LTC2141IUP-12#PBF
LTC2141IUP-12#TRPBF
LTC2141UP-12
64-Lead (9mm
× 9mm) Plastic QFN
–40°C to 85°C
LTC2140CUP-12#PBF
LTC2140CUP-12#TRPBF
LTC2140UP-12
64-Lead (9mm
× 9mm) Plastic QFN
0°C to 70°C
LTC2140IUP-12#PBF
LTC2140IUP-12#TRPBF
LTC2140UP-12
64-Lead (9mm
× 9mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATIONS
DOUBLE DATA RATE LVDS OUTPUT MODE
TOP VIEW
UP PACKAGE
64-LEAD (9mm
9mm) PLASTIC QFN
VDD 1
VCM1 2
GND 3
AIN1
+ 4
AIN1
– 5
GND 6
REFH 7
REFL 8
REFH 9
REFL 10
PAR/SER 11
AIN2
+ 12
AIN2
– 13
GND 14
VCM2 15
VDD 16
48 D1_0_1+
47 D1_0_1–
46 DNC
45 DNC
44 DNC
43 DNC
42 OVDD
41 OGND
40 CLKOUT+
39 CLKOUT–
38 D2_10_11+
37 D2_10_11–
36 D2_8_9+
35 D2_8_9–
34 D2_6_7+
33 D2_6_7–
65
GND
TJMAX = 150°C, θJA = 29°C/W
EXPOSED PAD (PIN 65) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com