Electronic Components Datasheet Search
  English  ▼

X  

STK672 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK672
Description  Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK672 Datasheet HTML 1Page - Sanyo Semicon Device STK672 Datasheet HTML 2Page - Sanyo Semicon Device STK672 Datasheet HTML 3Page - Sanyo Semicon Device STK672 Datasheet HTML 4Page - Sanyo Semicon Device STK672 Datasheet HTML 5Page - Sanyo Semicon Device STK672 Datasheet HTML 6Page - Sanyo Semicon Device STK672 Datasheet HTML 7Page - Sanyo Semicon Device STK672 Datasheet HTML 8Page - Sanyo Semicon Device STK672 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STK672-050
No. 5228—2/11
Specifications
Maximum Ratings at Ta = 25
°C
Allowable Operating Ranges at Ta = 25
°C
Electrical Characteristics at Tc = 25
°C, V
CC1 = 24V, VCC2 = 5V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VCC1 max No signal
52
V
Maximum supply voltage 2
VCC2 max No signal
−0.3 to +7.0
V
Input voltage
VIN max
Logic input block
−0.3 to +7.0
V
Phase output current
IOH max
One 0.5s pulse, VCC1 applied,
Load/phase: R = 5
Ω, L = 10mH
4.0
A
Repetitive avalanche handling capability
Ear max
38
mJ
Maximum output dissipation
Pd max
θc-a = 0
25
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
−40 to +125
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC1
With signal
10 to 45
V
Supply voltage 2
VCC2
With signal
5.0
± 5%
V
Input voltage
VIH
0 to VCC2V
Phase driver withstand voltage
VDSS
Tr1, 2, 3, 4 (A, A, B, B outputs)
100 (min)
V
Phase current
IOH max
50% duty
3.0 (max)
A
Parameter
Symbol
Conditions
min
typ
max
Unit
Control supply current
ICC
Pin 7 input, ENABLE = low
–
4.5
15
mA
Output saturation voltage
Vsat
RL = 7.5Ω (I = 3A)
–
1.4
2.6
V
Average output current
Io ave
Vref = 0.6V,
Load/phase: R = 3.5
Ω, L = 3.8mH
0.45
0.50
0.55
A
FET diode forward voltage
Vdf
If = 1.0A
–
1.2
1.8
V
[Control inputs]
Input voltage
VIH
Excluding Vref pin
4.0
–
–
V
VIL
Excluding Vref pin
–
–
1.0
V
Input current
IIH
Excluding Vref pin
0
1
10
µA
IIL
Excluding Vref pin
125
250
510
µA
[Vref input]
Input voltage
VI
Pin 8
0
–
2.5
V
Input current
II
Pin 8
–
1
–
µA
[Control outputs]
Output voltage
VOH
I =
−3mA (MoI, Mo1, Mo2 pins)
2.4
–
–
V
VOL
I = +3mA (MoI, Mo1, Mo2 pins)
–
–
0.4
V
PWM frequency
fc
37
47
57
kHz
[Current division ratio (A/B)]
2W1-2, W1-2, 1-2
Vref
θ = 1/8
100
%
2W1-2, W1-2
Vref
θ = 2/8
92
%
2W1-2
Vref
θ = 3/8
83
%
2W1-2, W1-2, 1-2
Vref
θ = 4/8
71
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com