Electronic Components Datasheet Search
  English  ▼

X  

STK672 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK672
Description  Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK672 Datasheet HTML 1Page - Sanyo Semicon Device STK672 Datasheet HTML 2Page - Sanyo Semicon Device STK672 Datasheet HTML 3Page - Sanyo Semicon Device STK672 Datasheet HTML 4Page - Sanyo Semicon Device STK672 Datasheet HTML 5Page - Sanyo Semicon Device STK672 Datasheet HTML 6Page - Sanyo Semicon Device STK672 Datasheet HTML 7Page - Sanyo Semicon Device STK672 Datasheet HTML 8Page - Sanyo Semicon Device STK672 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STK672-050
No. 5228—4/11
Motor Current Calculation
The motor current IOH is determined by the reference volt-
age on pin 8 (Vref). The relationship between IOH and
Vref is given by the following equation.
where Rs is the built-in current detection resistance (0.2
Ω
± 3%).
The motor current ranges from the current due to the fre-
quency duty set by the oscillator (0.05 to 0.1A) to the
allowable operating range maximum of IOH = 3.0A.
Function Tables
I
OH
---
Vref Rs
⁄
×
=
Motor current waveform
M1
M2
M3
Excitation
Phase switching CLK edge timing
0
0
0
Phase 1-2
Rising and falling edge
0
1
0
Phase 2W1-2
1
0
0
Phase W1-2
1
1
0
Phase 4W1-2
0
0
1
Phase 2
Rising edge only
0
1
1
Phase W1-2
1
0
1
Phase 1-2
1
1
1
Phase 2W1-2
CWB
Direction
0
Forward
1
Reverse
Input
Active level
ENABLE
Low
RESET
Low
Mo1
Mo2
Output
00
A
01
B
10
A
11
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com