Electronic Components Datasheet Search
  English  ▼

X  

BTM7752G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTM7752G
Description  High Current H-Bridge Trilith IC 3G
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7752G Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTM7752G Datasheet HTML 1Page - Infineon Technologies AG BTM7752G Datasheet HTML 2Page - Infineon Technologies AG BTM7752G Datasheet HTML 3Page - Infineon Technologies AG BTM7752G Datasheet HTML 4Page - Infineon Technologies AG BTM7752G Datasheet HTML 5Page - Infineon Technologies AG BTM7752G Datasheet HTML 6Page - Infineon Technologies AG BTM7752G Datasheet HTML 7Page - Infineon Technologies AG BTM7752G Datasheet HTML 8Page - Infineon Technologies AG BTM7752G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
5
Rev. 2.0, 2010-05-28
High Current H-Bridge
BTM7752G
Pin Configuration
4
Pin Configuration
4.1
Pin Assignment
OUT1
OUT1
OUT1
VS
VS
36
35
34
33
32
31
GND
IN1
OUT1
IN2
1
2
3
4
5
6
7
8
9
10
30
29
28
27
VS
IS
INH
VS
VS
11
12
13
14
26
25
24
23
GND
GND
GND
GND
VS
VS
VS
15
16
17
18
22
21
20
19
OUT2
OUT2
OUT2
OUT2
OUT1
OUT1
OUT1
OUT1
GND
GND
GND
OUT2
OUT2
OUT2
OUT2
Figure 3
Pin Configuration BTM7752G
4.2
Pin Definitions and Functions
Pins written in bold type need power wiring.
Pin
Symbol
Function
1..4, 33..36
OUT1
Output of first half bridge
5..8, 23..26
GND
Ground
9
IN1
Input of first half bridge
10
IN2
Input of second half bridge
11..14, 29..32
VS
Supply, all pins to be connected and shorted externally
15..22
OUT2
Output of second half bridge
27
INH
Inhibit pin, to set device in sleep/stand-by mode
28
IS
Current sense and error signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com