Electronic Components Datasheet Search
  English  ▼

X  

BTM7752G Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # BTM7752G
Description  High Current H-Bridge Trilith IC 3G
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTM7752G Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button BTM7752G Datasheet HTML 17Page - Infineon Technologies AG BTM7752G Datasheet HTML 18Page - Infineon Technologies AG BTM7752G Datasheet HTML 19Page - Infineon Technologies AG BTM7752G Datasheet HTML 20Page - Infineon Technologies AG BTM7752G Datasheet HTML 21Page - Infineon Technologies AG BTM7752G Datasheet HTML 22Page - Infineon Technologies AG BTM7752G Datasheet HTML 23Page - Infineon Technologies AG BTM7752G Datasheet HTML 24Page - Infineon Technologies AG BTM7752G Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
High Current H-Bridge
BTM7752G
Application Information
Data Sheet
22
Rev. 2.0, 2010-05-28
It is recommended to do the freewheeling in the low side path to ensure a proper function and avoid unintended
overtemperature detection and shutdown. For proper operation it is also recommended to put a pull-down resistor
R
Dx on each output OUTx to GND with a value in the range of e.g. 1...10 kΩ. These resistors can also be used for
open load detection.
Considerations for Open Load Detection Mode
As mentioned in Chapter 6.4.1 both high side switches can be switched on independently while all other switches
are off. This will be realized by setting the corresponding IN signal to high while INH and the other IN are low.
Device State
Inputs
Outputs
Mode
INH IN1
IN2
HS1
LS1
HS2
LS2
IS
Open-Load detection
mode
0
0
1
OFF
OFF ON
OFF
CS HS2
1) Previous current sense assignment to be reset by IN1=IN2=low and both high side switches off (see Chapter 6.4.3)
1) HS2 active
0
1
0
ON
OFF OFF
OFF
CS HS11) HS1 active
0
1
1
ON
OFF ON
OFF
2) When both high side switches are in on state, the CS provides the sense signal for the high side switch, which has been
turned on at first.
CS2)
both HSx are active
Together with the recommended pull-down resistors on the outputs OUTx to GND this provides the possibility to
do an open load detection in H-bridge configuration.
In case of one high side is active while the other half bridge is off (HS off and LS off) a current of up to 2mA will
be sourced out of the OUT of the high ohmic half bridge. This has to be considered while choosing the right value
of the pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com