Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4263
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 11Page - Linear Technology LTC4263 Datasheet HTML 12Page - Linear Technology LTC4263 Datasheet HTML 13Page - Linear Technology LTC4263 Datasheet HTML 14Page - Linear Technology LTC4263 Datasheet HTML 15Page - Linear Technology LTC4263 Datasheet HTML 16Page - Linear Technology LTC4263 Datasheet HTML 17Page - Linear Technology LTC4263 Datasheet HTML 18Page - Linear Technology LTC4263 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTC4270/LTC4271
15
42701f
CPD (Pin 8): Clock Transceiver Positive Input Output
(Digital). Connect to CPA through a data transformer.
CND (Pin 9): Clock Transceiver Negative Input Output
(Digital). Connect to CNA through a data transformer.
DPD (Pin 10): Data Transceiver Positive Input Output
(Digital). Connect to DPA through a data transformer.
DND (Pin 11): Data Transceiver Negative Input Output
(Digital). Connect to DNA through a data transformer.
VDD33 (Pins 12, 20): VDD IO Power Supply. Connect to
a 3.3V power supply relative to DGND. VDD33 must be
bypassed to DGND near the LTC4271 with at least a 0.1μF
capacitor.
RESET (Pin 14): Reset Input, Active Low. When the RESET
pin is low, the LTC4270/LTC4271 is held inactive with all
ports off and all internal registers reset to their power-up
states. When RESET is pulled high, the LTC4271 begins
normal operation. RESET can be connected to an exter-
nal capacitor or RC network to provide a power turn-on
delay. Internal filtering of the RESET pin prevents glitches
less than 1μs wide from resetting the LTC4270/LTC4271.
Internally pulled up to VDD.
INT(Pin15):InterruptOutput,OpenDrain.INTwillpulllow
when any one of several events occur in the LTC4271. It will
return to a high impedance state when bits 6 or 7 are set
in the Reset PB register (1Ah). The INT signal can be used
to generate an interrupt to the host processor, eliminating
the need for continuous software polling. Individual INT
events can be disabled using the INT Mask register (01h).
See LTC4271 Software Programming documentation for
more information. The INT pin is only updated between
I2C transactions.
SDAOUT (Pin 16): Serial Data Output, Open Drain Data
Output for the I2C Serial Interface Bus. The LTC4271 uses
two pins to implement the bidirectional SDA function to
simplify optoisolation of the I2C bus. To implement a stan-
dard bidirectional SDA pin, tie SDAOUT and SDAIN together.
See Applications Information for more information.
SDAIN (Pin 17): Serial Data Input. High impedance data
input for the I2C serial interface bus. The LTC4271 uses two
pins to implement the bidirectional SDA function to simplify
optoisolation of the I2C bus. To implement a standard
bidirectional SDA pin, tie SDAOUT and SDAIN together.
See Applications Information for more information.
SCL (Pin 18): Serial Clock Input. High impedance clock
input for the I2C serial interface bus. The SCL pin should
be connected directly to the I2C SCL bus line. SCL must
be tied high if the I2C serial interface bus is not used.
CAP1 (Pin 19): Core Power Supply Bypass Capacitor. Con-
nect a 1μF Bypass capacitance to DGND for the internal
1.8V regulator. Do not use other capacitor values.
AUTO (Pin 21): AUTO Pin Mode Input. AUTO pin mode
allows the LTC4271 to detect and power up a PD even if
there is no host controller present on the I2C bus. The
AUTO pin determines the state of the internal registers
when the LTC4271 is reset or comes out of VDD UVLO
(see LTC4271 Software Programming documentation). The
states of these register bits can subsequently be changed
via the I2C interface. Internally pulled down to DGND. Must
be tied locally to either VDD or DGND.
GP1 (Pin 22): General Purpose Digital Input Output for
customer applications. Referenced to DGND.
GP0 (Pin 23): General Purpose Digital Input Output for
customer applications. Referenced to DGND.
MSD(Pin24):MaskableShutdownInput.Activelow.When
pulled low, all ports that have their corresponding mask
bit set in the mconfig register (17h) will be reset. Internal
filtering of the MSD pin prevents glitches less than 1μs
wide from resetting ports. The MSD Pin Mode register can
configure the MSD pin polarity. Internally pulled up to VDD.
DGND (Exposed Pad Pin 25): Digital Ground. DGND should
be connected to the return from the VDD supply.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com