Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4263
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 23Page - Linear Technology LTC4263 Datasheet HTML 24Page - Linear Technology LTC4263 Datasheet HTML 25Page - Linear Technology LTC4263 Datasheet HTML 26Page - Linear Technology LTC4263 Datasheet HTML 27Page - Linear Technology LTC4263 Datasheet HTML 28Page - Linear Technology LTC4263 Datasheet HTML 29Page - Linear Technology LTC4263 Datasheet HTML 30Page - Linear Technology LTC4263 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTC4270/LTC4271
27
42701f
APPLICATIONS INFORMATION
3.3V
3.3V
0.1μF
–54V
100Ω
100Ω
100Ω
100Ω
T1
3.3V
1μF
1μF
0.1μF
–54V
100Ω
100Ω
100Ω
100Ω
T2
GP0
GP1
MID
RESET
MSD
INT
AUTO
SCL
AD0
AD1
AD2
AD3
AD6
DGND
CAP1
CAP2
DND
DPD
CND
CPD
DNA
SENSE1
GATE1
OUT1
LTC4270
DPA
CNA
CPA
XIO0
XIO1
0.22μF
100V
0.22μF
100V
S1B
S1B
–54V
–54V
42701 F16
–54V
–54V
S1B
S1B
PORTn
PORT1
SDAIN
SDAOUT
LTC4271
NO ISOLATION
REQUIRED ON
I2C INTERFACE
VDD33
2nF, 2kV
VEE
SENSEn
GATEn
OUTn
AGND
VSSK
0.25Ω
0.25Ω
>47μF
SYSTEM
BULK CAP
+
External MOSFET
Careful selection of the power MOSFET is critical to system
reliability. LTC recommends either Fairchild IRFM120A,
FDT3612, FDMC3612 or Philips PHT6NQ10T for their
proven reliability in Type 1 and Type 2 PSE applications.
SOA curves are not a reliable specification for MOSFET
selection. Contact LTC Applications before using a MOSFET
other than one of these recommended parts.
Sense Resistor
The LTC4270/LTC4271 is designed to use 0.25Ω current
sense resistors to reduce power dissipation. Four com-
monly available 1Ω resistors (sized according to power
dissipation) can be used in parallel in place of a single
Figure 15. LTC4270/LTC4271 Proprietary Isolation
0.25Ω resistor. In order to meet the ICUT and ILIM accuracy
required by the IEEE specification, the sense resistors
should have ±1% tolerance or better, and no more than
±200ppm/°C temperature coefficient. In addition, the sense
resistors must meet strict layout guidelines.
Port Output Cap
Each port requires a 0.22μF cap across its outputs to keep
the LTC4270 stable while in current limit during startup or
overload. Common ceramic capacitors often have signifi-
cant voltage coefficients; this means the capacitance is
reduced as the applied voltage increases. To minimize this
problem, X7R ceramic capacitors rated for at least 100V
are recommended and must be located close to the PSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com